Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 217 Page - Renesas Technology Corp

Part # 7641
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 217 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 213Page - Renesas Technology Corp 7641 Datasheet HTML 214Page - Renesas Technology Corp 7641 Datasheet HTML 215Page - Renesas Technology Corp 7641 Datasheet HTML 216Page - Renesas Technology Corp 7641 Datasheet HTML 217Page - Renesas Technology Corp 7641 Datasheet HTML 218Page - Renesas Technology Corp 7641 Datasheet HTML 219Page - Renesas Technology Corp 7641 Datasheet HTML 220Page - Renesas Technology Corp 7641 Datasheet HTML 221Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 385 page
background image
Rev.2.00
Aug 28, 2006
page 86 of 148
7641 Group
REJ09B0336-0200
APPLICATION
2.5 DMAC
DMAC channel x transfer count registers Low, High
b7 b6 b5 b4 b3 b2 b1 b0
DMAC channel x transfer count registers Low
(DMAxCL : address 4616)
b
0
0
Functions
At reset R W
1
0
2
0
3
0
4
0
5
0
6
0
7
0
qThis is the lower 8-bit register with a latch. Set the lower 8 bits of
transfer numbers.
qThis register indicates the remaining transfer numbers while
transfer is continuing.
qThis contents are decreased by 1 at every transfer operation.
qWhen this register underflows, the DMAC interrupt request bit and
the count register underflow flag (Note 2) are set to “1”.
b7 b6 b5 b4 b3 b2 b1 b0
DMAC channel x transfer count registers High
(DMAxCH : address 4716)
b
0
0
Functions
At reset R W
1
0
2
0
3
0
4
0
5
0
6
0
7
0
qThis is the higher 8-bit register with a latch. Set the higher 8 bits of
transfer numbers.
qThis register indicates the remaining transfer numbers while
transfer is continuing.
qThis contents are decreased by 1 at every transfer operation.
Notes 1: DMAC channel x transfer count registers low, high of channels 0 and 1 are
assigned at the same addresses 4616 and 4716. The accessible channel depends
on channel index bit, bit 7 of DMAC index and status register.
2: Channel 0 used: Bit 0 of DMAC index and status register
Channel 1 used: Bit 2 of DMAC index and status register
3: Write data into the lower byte first, and then the higher byte.
4: Read the contents from the higher byte first, and then the lower byte.
Fig. 2.5.8 Structure of DMAC channel x transfer count registers Low, High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com