Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 276 Page - Renesas Technology Corp

Part # 7641
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 276 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 272Page - Renesas Technology Corp 7641 Datasheet HTML 273Page - Renesas Technology Corp 7641 Datasheet HTML 274Page - Renesas Technology Corp 7641 Datasheet HTML 275Page - Renesas Technology Corp 7641 Datasheet HTML 276Page - Renesas Technology Corp 7641 Datasheet HTML 277Page - Renesas Technology Corp 7641 Datasheet HTML 278Page - Renesas Technology Corp 7641 Datasheet HTML 279Page - Renesas Technology Corp 7641 Datasheet HTML 280Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 276 / 385 page
background image
Rev.2.00
Aug 28, 2006
page 145 of 148
7641 Group
REJ09B0336-0200
APPLICATION
2.12 Clock generating circuit
Fig. 2.12.13 Initial setting of relevant registers
Clock control register (address 1F16)
1
CCR
00 0 0
XIN division: f(XIN) (high-speed mode)
Timer 1 (address 2416)
T1
254
Set (Division ratio -1); 254 (FE16)
Timer 123 mode register (address 2916)
0
T123M
0
Timer 1 count: Operating
0
0
Timer 1 count source:
φ/8
Timer 2 count source: Timer 1 output
Interrupt request register B (address 0316)
0
IREQB
0
Set “0” to timer 1 interrupt request bit
Set “0” to timer 2 interrupt request bit
Interrupt control register B (address 0616)
ICONB
1
Timer 1 interrupt: Enabled
0
CPU mode register A (address 0016)
0
CPMA
001
XCIN-XCOUT oscillating
1
XIN-XOUT oscillating
External clock selected as internal system clock
f(XIN) selected as external clock; f(XCIN) selected at power failure
Timer 1, 2 write: Write value in latch and counter
0
Timer 2 interrupt: Disbled
b0
b7
b0
b7
b0
b7
b0
b7
b0
b7
b0
b7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com