Electronic Components Datasheet Search
  English  ▼

X  

SH7018 Datasheet(PDF) 344 Page - Renesas Technology Corp

Part # SH7018
Description  SuperH??RISC engine
PDF  431 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7018 Datasheet(HTML) 344 Page - Renesas Technology Corp

Back Button SH7018 Datasheet HTML 340Page - Renesas Technology Corp SH7018 Datasheet HTML 341Page - Renesas Technology Corp SH7018 Datasheet HTML 342Page - Renesas Technology Corp SH7018 Datasheet HTML 343Page - Renesas Technology Corp SH7018 Datasheet HTML 344Page - Renesas Technology Corp SH7018 Datasheet HTML 345Page - Renesas Technology Corp SH7018 Datasheet HTML 346Page - Renesas Technology Corp SH7018 Datasheet HTML 347Page - Renesas Technology Corp SH7018 Datasheet HTML 348Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 344 / 431 page
background image
328
16.5.3
Erase Block Register 1 (EBR1)
EBR1 is an 8-bit readable/writable register that specifies the flash memory erase area block by
block. EBR1 is initialized to H'00 by a power-on reset, in standby mode, when a high level is input
to the FWP pin, and when a low level is input to the FWP pin and the SWE bit in FLMCR1 is not
set. When a bit in EBR1 is set to 1, the corresponding block can be erased. Other blocks are erase-
protected. As with EBR2, set only one bit of EBR1 (more than one bit cannot be set). If two or
more bits are set, writes to the ESU and E bits are invalid. When on-chip flash memory is
disabled, a read will return H'00, and writes are invalid.
The flash memory block configuration is shown in table 16.3.
Bit:
7
6
5
4
3
2
1
0
EB7
EB6
EB5
EB4
EB3
EB2
EB1
EB0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
16.5.4
Erase Block Register 2 (EBR2)
EBR2 is an 8-bit register that specifies the flash memory erase area block by block. EBR2 is
initialized to H'00 by a power-on reset and in standby mode, when a high level is input to the FWP
pin, and when a low level is input to the FWP pin and the SWE bit of FLMCR1 is not set. When a
bit in EBR2 is set to 1, the corresponding block can be erased. The other blocks are erase-
protected. If the on-chip flash memory is disabled, a read will return H'00, and writes are invalid.
The flash memory block configuration is shown in table 16.3.
Bit:
7
6
5
4
3
2
1
0
—
—
—
—
—
EB10
EB9
EB8
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R
R
R
R
R/W
R/W
R/W
• Bits 7 to 3—Reserved: These bits are always read as 0. The write value should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com