Electronic Components Datasheet Search
  English  ▼

X  

SH7018 Datasheet(PDF) 347 Page - Renesas Technology Corp

Part # SH7018
Description  SuperH??RISC engine
PDF  431 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7018 Datasheet(HTML) 347 Page - Renesas Technology Corp

Back Button SH7018 Datasheet HTML 343Page - Renesas Technology Corp SH7018 Datasheet HTML 344Page - Renesas Technology Corp SH7018 Datasheet HTML 345Page - Renesas Technology Corp SH7018 Datasheet HTML 346Page - Renesas Technology Corp SH7018 Datasheet HTML 347Page - Renesas Technology Corp SH7018 Datasheet HTML 348Page - Renesas Technology Corp SH7018 Datasheet HTML 349Page - Renesas Technology Corp SH7018 Datasheet HTML 350Page - Renesas Technology Corp SH7018 Datasheet HTML 351Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 347 / 431 page
background image
331
16.6.1
Boot Mode
When boot mode is used, the flash memory programming control program must be prepared in the
host beforehand. The SCI1 to be used is set to channel asynchronous mode.
When a reset-start is executed after the SH7018 pins have been set to boot mode in the power-on
reset state, the boot program built into the SH7018 is started and the programming control
program prepared in the host is serially transmitted to the SH7018 via SCI1 (RxD, TxD). In the
SH7018, the programming control program received via SCI1 is written into the programming
control program area in on-chip RAM. After the transfer is completed, control branches to the start
address of the programming control program area and the programming control program execution
state is entered (flash memory programming is performed).
The transferred programming control program must therefore include coding that follows the
programming algorithm given later.
The system configuration in boot mode is shown in figure 16.8, and the boot mode execution
procedure in figure 16.9.
RXD
TXD
SCI1
SH7018
Flash memory
Write data reception
Verify data transmission
Host
On-chip RAM
Figure 16.8 System Configuration in Boot Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com