Electronic Components Datasheet Search
  English  ▼

X  

SH7018 Datasheet(PDF) 345 Page - Renesas Technology Corp

Part # SH7018
Description  SuperH??RISC engine
PDF  431 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7018 Datasheet(HTML) 345 Page - Renesas Technology Corp

Back Button SH7018 Datasheet HTML 341Page - Renesas Technology Corp SH7018 Datasheet HTML 342Page - Renesas Technology Corp SH7018 Datasheet HTML 343Page - Renesas Technology Corp SH7018 Datasheet HTML 344Page - Renesas Technology Corp SH7018 Datasheet HTML 345Page - Renesas Technology Corp SH7018 Datasheet HTML 346Page - Renesas Technology Corp SH7018 Datasheet HTML 347Page - Renesas Technology Corp SH7018 Datasheet HTML 348Page - Renesas Technology Corp SH7018 Datasheet HTML 349Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 345 / 431 page
background image
329
Table 16.3
Flash Memory Erase Blocks
Block (Size)
Address
EB0 (4 kB)
H'000000 to H'000FFF
EB1 (4 kB)
H'001000 to H'001FFF
EB2 (4 kB)
H'002000 to H'002FFF
EB3 (4 kB)
H'003000 to H'003FFF
EB4 (4 kB)
H'004000 to H'004FFF
EB5 (4 kB)
H'005000 to H'005FFF
EB6 (4 kB)
H'006000 to H'006FFF
EB7 (4 kB)
H'007000 to H'007FFF
EB8 (32 kB)
H'008000 to H'00FFFF
EB9 (64 kB)
H'010000 to H'01FFFF
EB10 (32 kB)
H'020000 to H'027FFF
16.5.5
RAM Emulation Register (RAMER)
RAMER specifies the area of flash memory to be overlapped with part of RAM when emulating
real-time flash memory programming. RAMER is initialized to H'0000 by a power-on reset. It is
not initialized in standby mode. RAMER settings should be made in user mode or user program
mode.
Flash memory area divisions are shown in table 16.4. To ensure correct operation of the emulation
function, the ROM for which RAM emulation is performed should not be accessed immediately
after this register has been modified. Normal execution of an access immediately after register
modification is not guaranteed.
Bit:
15
14
13
12
11
10
9
8
——
——
———
—
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R
R
R
R
R
R
R
Bit:
7
6
5
4
3
2
1
0
—
—
—
—
—
RAMS
RAM1
RAM0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R
R
R
R
R/W
R/W
R/W
• Bits 15 to 3—Reserved: These bits are always read as 0. The write value should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com