Electronic Components Datasheet Search
  English  ▼

X  

SH7018 Datasheet(PDF) 115 Page - Renesas Technology Corp

Part # SH7018
Description  SuperH??RISC engine
PDF  431 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7018 Datasheet(HTML) 115 Page - Renesas Technology Corp

Back Button SH7018 Datasheet HTML 111Page - Renesas Technology Corp SH7018 Datasheet HTML 112Page - Renesas Technology Corp SH7018 Datasheet HTML 113Page - Renesas Technology Corp SH7018 Datasheet HTML 114Page - Renesas Technology Corp SH7018 Datasheet HTML 115Page - Renesas Technology Corp SH7018 Datasheet HTML 116Page - Renesas Technology Corp SH7018 Datasheet HTML 117Page - Renesas Technology Corp SH7018 Datasheet HTML 118Page - Renesas Technology Corp SH7018 Datasheet HTML 119Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 431 page
background image
99
8.1.3
Pin Configuration
Table 8.2 summarizes the MTU pins.
Table 8.2
Pin Configuration
Channel Name
Pin Name I/O Function
0
Input
capture/output
compare-match 0A
TIOC0A
I/O TGR0A input capture input/output compare
output/PWM output pin
Input
capture/output
compare-match 0C
TIOC0C
I/O TGR0C input capture input/output compare
output/PWM output pin
1
Input
capture/output
compare-match 1A
TIOC1A
I/O TGR1A input capture input/output compare
output/PWM output pin
Input
capture/output
compare-match 1B
TIOC1B
I/O TGR1B input capture input/output compare
output/PWM output pin
2
Input
capture/output
compare-match 2A
TIOC2A
I/O TGR2A input capture input/output compare
output/PWM output pin
Input
capture/output
compare-match 2B
TIOC2B
I/O TGR2B input capture input/output compare
output/PWM output pin
Note:
The TIOC pins output undefined values when they are set to input capture and timer output
by the pin function controller (PFC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com