Electronic Components Datasheet Search
  English  ▼

X  

SH7018 Datasheet(PDF) 117 Page - Renesas Technology Corp

Part # SH7018
Description  SuperH??RISC engine
PDF  431 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7018 Datasheet(HTML) 117 Page - Renesas Technology Corp

Back Button SH7018 Datasheet HTML 113Page - Renesas Technology Corp SH7018 Datasheet HTML 114Page - Renesas Technology Corp SH7018 Datasheet HTML 115Page - Renesas Technology Corp SH7018 Datasheet HTML 116Page - Renesas Technology Corp SH7018 Datasheet HTML 117Page - Renesas Technology Corp SH7018 Datasheet HTML 118Page - Renesas Technology Corp SH7018 Datasheet HTML 119Page - Renesas Technology Corp SH7018 Datasheet HTML 120Page - Renesas Technology Corp SH7018 Datasheet HTML 121Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 431 page
background image
101
Table 8.3
Register Configuration (cont)
Chan-
nel
Name
Abbrevi-
ation
R/W
Initial
Value
Address
Access Size
(Bits)*
1
2
Timer control register 2
TCR2
R/W
H'00
H'FFFF82A0
8, 16
Timer mode register 2
TMDR2
R/W
H'C0
H'FFFF82A1
Timer I/O control register 2
TIOR2
R/W
H'00
H'FFFF82A2
8
Timer interrupt enable
register 2
TIER2
R/W
H'40
H'FFFF82A4
8, 16, 32
Timer status register 2
TSR2
R/(W)*
2
H'C0
H'FFFF82A5
Timer counter 2
TCNT2
R/W
H'0000
H'FFFF82A6
16, 32
General register 2A
TGR2A
R/W
H'FFFF
H'FFFF82A8
General register 2B
TGR2B
R/W
H'FFFF
H'FFFF82AA
Notes: Do not access empty addresses.
1. 16-bit registers (TCNT, TGR) cannot be read or written in 8-bit units.
2. Write 0 to clear flags.
8.2
MTU Register Descriptions
8.2.1
Timer Control Register (TCR)
The TCR is an 8-bit read/write register for controlling the TCNT counter for each channel. The
MTU has three TCR registers, one for each of the channels 0 to 2. TCR is initialized to H'00 by a
power-on reset or the standby mode.
Channel 0: TCR0
Bit:
7
6
5
4
3
2
1
0
CCLR2
CCLR1
CCLR0
CKEG1
CKEG0
TPSC2
TPSC1
TPSC0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Channels 1 and 2: TCR1, TCR2
Bit:
7
6
5
4
3
2
1
0
—
CCLR1
CCLR0
CKEG1
CKEG0
TPSC2
TPSC1
TPSC0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com