Electronic Components Datasheet Search
  English  ▼

X  

SH7018 Datasheet(PDF) 132 Page - Renesas Technology Corp

Part # SH7018
Description  SuperH??RISC engine
PDF  431 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7018 Datasheet(HTML) 132 Page - Renesas Technology Corp

Back Button SH7018 Datasheet HTML 128Page - Renesas Technology Corp SH7018 Datasheet HTML 129Page - Renesas Technology Corp SH7018 Datasheet HTML 130Page - Renesas Technology Corp SH7018 Datasheet HTML 131Page - Renesas Technology Corp SH7018 Datasheet HTML 132Page - Renesas Technology Corp SH7018 Datasheet HTML 133Page - Renesas Technology Corp SH7018 Datasheet HTML 134Page - Renesas Technology Corp SH7018 Datasheet HTML 135Page - Renesas Technology Corp SH7018 Datasheet HTML 136Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 431 page
background image
116
8.2.5
Timer Status Register (TSR)
The timer status register (TSR) is an 8-bit register that indicates the status of each channel. The
MTU has three TSR registers, one each for channel. TSR is initialized to H'C0 by a power-on
reset.
Channel 0: TSR0
Bit:
7
6
5
4
3
2
1
0
——
—
TCFV
TGFD
TGFC
TGFB
TGFA
Initial value:
1
1
0
0
0
0
0
0
R/W:
R
R
R
R/(W)*
R/(W)*
R/(W)*
R/(W)*
R/(W)*
Note: * Only 0 writes to clear the flags are possible.
Channels 1 and 2: TSR1, TSR2
Bit:
7
6
5
4
3
2
1
0
——
—
TCFV
——
TGFB
TGFA
Initial value:
1
1
0
0
0
0
0
0
R/W:
R
R
R
R/(W)*
R
R
R/(W)*
R/(W)*
Note: * Only 0 writes to clear the flags are possible.
• Bits 7 and 6—Reserved: These bits are always read as 1. The write value should always be 1.
• Bit 5—Reserved: This bit is always read as 0. The write value should always be 0.
• Bit 4—Overflow Flag (TCFV): This status flag indicates the occurrence of a TCNT counter
overflow.
Bit 4: TCFV
Description
0
Clear condition: With TCFV =1, a 0 write to TCFV after reading it
(Initial value)
1
Set condition: When the TCNT value overflows (H'FFFF
→ H'0000)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com