Electronic Components Datasheet Search
  English  ▼

X  

SH7018 Datasheet(PDF) 155 Page - Renesas Technology Corp

Part # SH7018
Description  SuperH??RISC engine
PDF  431 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7018 Datasheet(HTML) 155 Page - Renesas Technology Corp

Back Button SH7018 Datasheet HTML 151Page - Renesas Technology Corp SH7018 Datasheet HTML 152Page - Renesas Technology Corp SH7018 Datasheet HTML 153Page - Renesas Technology Corp SH7018 Datasheet HTML 154Page - Renesas Technology Corp SH7018 Datasheet HTML 155Page - Renesas Technology Corp SH7018 Datasheet HTML 156Page - Renesas Technology Corp SH7018 Datasheet HTML 157Page - Renesas Technology Corp SH7018 Datasheet HTML 158Page - Renesas Technology Corp SH7018 Datasheet HTML 159Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 431 page
background image
139
100% Duty Cycle: Figure 8.27 shows an example of a 100% duty cycle PWM waveform output
in PWM mode.
In PWM mode, when setting cycle = duty cycle the output waveform does not change, nor is there
a change of waveform for the first pulse immediately after clearing the counter.
TGRA
TCNT value
TGRB rewrite
TGRB
Time
Time
100% duty cycle
Output does not change if period register and duty
cycle register compare matches occur simultaneously
Output does not change if period register and duty
cycle register compare matches occur simultaneously
TGRB rewrite
TGRB rewrite
TGRA
TCNT
value
TGRB
rewrite
TGRB
TGRB
rewrite
100%
duty cycle
0%
duty cycle
TGRB
rewrite
Figure 8.27 PWM Mode Operation Example (100% Duty Cycle)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com