Electronic Components Datasheet Search
  English  ▼

X  

SH7018 Datasheet(PDF) 152 Page - Renesas Technology Corp

Part # SH7018
Description  SuperH??RISC engine
PDF  431 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7018 Datasheet(HTML) 152 Page - Renesas Technology Corp

Back Button SH7018 Datasheet HTML 148Page - Renesas Technology Corp SH7018 Datasheet HTML 149Page - Renesas Technology Corp SH7018 Datasheet HTML 150Page - Renesas Technology Corp SH7018 Datasheet HTML 151Page - Renesas Technology Corp SH7018 Datasheet HTML 152Page - Renesas Technology Corp SH7018 Datasheet HTML 153Page - Renesas Technology Corp SH7018 Datasheet HTML 154Page - Renesas Technology Corp SH7018 Datasheet HTML 155Page - Renesas Technology Corp SH7018 Datasheet HTML 156Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 431 page
background image
136
Table 8.7 lists the combinations of PWM output pins and registers.
Table 8.7
Combinations of PWM Output Pins and Registers
Output Pin
Channel
Register
PWM Mode 1
PWM Mode 2
0 (AB pair)
TGR0A
TGR0B
TIOC0A
TIOC 0A
0 (CD pair)
TGR0C
TGR0D
TIOC0C
TIOC 0C
1
TGR1A
TGR1B
TIOC1A
TIOC 1A
TIOC 1B
2
TGR2A
TGR2B
TIOC2A
TIOC 2A
TIOC 2B
Note:
PWM output of the period setting TGR is not possible in PWM mode 2.
Procedure for Selecting the PWM Mode (Figure 8.23):
1. Set bits TPSC2 to TPSC0 in the TCR to select the counter clock source. At the same time, set
bits CKEG1 and CKEG0 in the TCR to select the desired edge of the input clock.
2. Set bits CCLR2 to CCLR0 in the TCR to select the TGR to be used as a counter clear source.
3. Set the period in the TGR selected in step 2, and the duty cycle in another TGR.
4. Using the timer I/O control register (TIOR), set the TGR selected in step 3 to act as an output
compare register, and select the initial value and output value.
5. Set the MD3 to MD 0 bits in TMDR to select the PWM mode.
6. Set the CST bit in the TSTR to 1 to let the TCNT start counting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com