Electronic Components Datasheet Search
  English  ▼

X  

SH7018 Datasheet(PDF) 154 Page - Renesas Technology Corp

Part # SH7018
Description  SuperH??RISC engine
PDF  431 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7018 Datasheet(HTML) 154 Page - Renesas Technology Corp

Back Button SH7018 Datasheet HTML 150Page - Renesas Technology Corp SH7018 Datasheet HTML 151Page - Renesas Technology Corp SH7018 Datasheet HTML 152Page - Renesas Technology Corp SH7018 Datasheet HTML 153Page - Renesas Technology Corp SH7018 Datasheet HTML 154Page - Renesas Technology Corp SH7018 Datasheet HTML 155Page - Renesas Technology Corp SH7018 Datasheet HTML 156Page - Renesas Technology Corp SH7018 Datasheet HTML 157Page - Renesas Technology Corp SH7018 Datasheet HTML 158Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 431 page
background image
138
PWM Mode Operation Examples—PWM Mode 2 (Figure 8.25): Channels 0 and 1 are set for
synchronous operation, TGR1B register compare-match is used as a TCNT counter clear source,
the other TGR register initial output value is 0 and output compare output value is 1, and a 3-phase
PWM waveform is output. In this example, the value established in the TGR1B register becomes
the period and the value established in the other TGR register becomes the duty cycle.
TCNTvalue
Counter cleared on TGR1B compare match
TGR0C
TGR0A
TGR1B
TGR1A
H'0000
TIOC0A
TIOC0C
TIOC1A
Time
Figure 8.25 PWM Mode Operation Example (Mode 2)
0% Duty Cycle: Figure 8.26 shows an example of a 0% duty cycle PWM waveform output in
PWM mode.
TGRA
TCNT value
TGRB rewrite
TGRB
Time
0% duty cycle
TGRB rewrite
TGRB rewrite
TICCA
Figure 8.26 PWM Mode Operation Example (0% Duty Cycle)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com