| Electronic Components Datasheet Search |
|
SH7018 Datasheet(PDF) 151 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7018 Datasheet(HTML) 151 Page - Renesas Technology Corp |
|
151 / 431 page ![]() 135 TCNT1 Clock TCNT2 Clock TIOC1A, TIOC2A TCNT1 H'03A1 H'FFFF H'0000 H'0001 H'03A2 TCNT2 TGR1A H'03A2 TGR2A H'0000 Figure 8.22 Cascade Connection Operation Example (Input Capture) 8.4.6 PWM Mode PWM mode outputs the various PWM waveforms from output pins. Output levels of 0 output, 1 output, or toggle output can be selected as the output level for the compare-match of each TGR. A period can be set for a register by using the TGR compare-match as a counter clear source. All five channels can be independently set to PWM mode. Synchronous operation is also possible. There are two PWM modes: • PWM mode 1 Generates PWM output using the TGRA and TGRB registers, and TGRC and TGRD registers as pairs. The initial output values are those established in the TGRA and TGRC registers. When the values set in TGR registers being used as a pair are equal, output values will not change even if a compare-match occurs. A maximum of 4-phase PWM output is possible for PWM mode 1. • PWM mode 2 Generates PWM output using one TGR register as a period register and another as a duty cycle register. The output value of each pin upon a counter clear is the initial value established by the TIOR register. When the values set in the period register and duty register are equal, output values will not change even if a compare-match occurs. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |