Electronic Components Datasheet Search
  English  ▼

X  

SH7018 Datasheet(PDF) 187 Page - Renesas Technology Corp

Part # SH7018
Description  SuperH??RISC engine
PDF  431 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7018 Datasheet(HTML) 187 Page - Renesas Technology Corp

Back Button SH7018 Datasheet HTML 183Page - Renesas Technology Corp SH7018 Datasheet HTML 184Page - Renesas Technology Corp SH7018 Datasheet HTML 185Page - Renesas Technology Corp SH7018 Datasheet HTML 186Page - Renesas Technology Corp SH7018 Datasheet HTML 187Page - Renesas Technology Corp SH7018 Datasheet HTML 188Page - Renesas Technology Corp SH7018 Datasheet HTML 189Page - Renesas Technology Corp SH7018 Datasheet HTML 190Page - Renesas Technology Corp SH7018 Datasheet HTML 191Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 431 page
background image
171
Table 9.1
8-Bit Timer 2 Registers
Name
Abbreviation
R/W
Initial
Value
Address
Access
Size
Timer 2 control/status register
T2CSR
R/W
H'0000
H'FFFF862C
8, 16, 32
Timer 2 counter
T2CNT
R/W
H'0000
H'FFFF862E
8, 16, 32
Timer 2 constant register
T2COR
R/W
H'0000
H'FFFF8630
8, 16
9.2
Register Descriptions
9.2.1
Timer 2 Control/Status Register (T2CSR)
The timer 2 control/status register (T2CSR) is a 16-bit readable/writable* register that selects the
clock to be input to the timer 2 counter (T2CNT) and controls compare match interrupts (CMI).
T2CSR is initialized to H'0000 by a power-on reset.
Bit:
15
14
13
12
11
10
9
8
——
——
———
—
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R
R
R
R
R
R
R
Bit:
7
6
5
4
3
2
1
0
—
CMF
CMIE
CKS2
CKS1
CKS0
—
—
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R/W
R/W
R/W
R/W
R/W
R
R
• Bits 15 to 7—Reserved: These bits are always read as 0. The write value should always be 0.
• Bit 6—Compare Match Flag (CMF): Status flag that indicates a match between the values of
T2CNT and T2COR. The setting and clearing conditions for this flag are shown below.
Bit 6: CMF
Description
0
[Clearing condition]
Cleared by reading T2CSR when CMF = 1, then writing 0 in CMF (Initial value)
1
[Setting condition]
Set when T2CNT = T2COR*
Note: * When T2CNT and T2COR still contain their initial values (when the initial values have not
been changed or when the T2CNT value has not been incremented), CMF is not set even
though the T2CNT and T2COR values are the same (H'0000).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com