Electronic Components Datasheet Search
  English  ▼

X  

SH7018 Datasheet(PDF) 188 Page - Renesas Technology Corp

Part # SH7018
Description  SuperH??RISC engine
PDF  431 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7018 Datasheet(HTML) 188 Page - Renesas Technology Corp

Back Button SH7018 Datasheet HTML 184Page - Renesas Technology Corp SH7018 Datasheet HTML 185Page - Renesas Technology Corp SH7018 Datasheet HTML 186Page - Renesas Technology Corp SH7018 Datasheet HTML 187Page - Renesas Technology Corp SH7018 Datasheet HTML 188Page - Renesas Technology Corp SH7018 Datasheet HTML 189Page - Renesas Technology Corp SH7018 Datasheet HTML 190Page - Renesas Technology Corp SH7018 Datasheet HTML 191Page - Renesas Technology Corp SH7018 Datasheet HTML 192Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 431 page
background image
172
• Bit 5—Compare Match Interrupt Enable (CMIE): Enables or disables interrupt requests
initiated by the CMF flag when set to 1 in T2CSR.
Bit 5: CMIE
Description
0
Interrupt request by CMF flag disabled
(Initial value)
1
Interrupt request by CMF flag enabled
• Bits 4 to 2—Clock Select 2 to 0 (CKS2 to CKS0): These bits select one of seven internal clock
sources, obtained by dividing the system clock (
φ), for input to T2CNT.
Bit 4: CKS2
Bit 3: CKS1
Bit 2: CKS0
Description
0
0
0
Up-count stopped
(Initial value)
1
φ/2
10
φ/8
1
φ/32
100
φ/128
1
φ/512
10
φ/2048
1
φ/4096
• Bits 1 and 0—Reserved: These bits are always read as 0. The write value should always be 0.
9.2.2
Timer 2 Counter (T2CNT)
The timer 2 counter (T2CNT) is a 16-bit readable/writable register used as an 8-bit up-counter.
T2CNT increments on the internal clock selected by bits CKS2 to CKS0 in T2CSR. The T2CNT
value can be read or written by the CPU at all times. When the T2CNT value matches the value in
the timer 2 constant register (T2COR), T2CNT is cleared to H'0000 and the CMF flag is set to 1 in
T2CSR. If the CMIE bit in T2CSR is set to 1 at this time, a compare match interrupt (CMI) is
generated.
Bits 15 to 8 are reserved and have no counter function. These bits are always read as 0. The write
value should always be 0.
T2CNT is initialized to H'0000 by a power-on reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com