Electronic Components Datasheet Search
  English  ▼

X  

SH7018 Datasheet(PDF) 209 Page - Renesas Technology Corp

Part # SH7018
Description  SuperH??RISC engine
PDF  431 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7018 Datasheet(HTML) 209 Page - Renesas Technology Corp

Back Button SH7018 Datasheet HTML 205Page - Renesas Technology Corp SH7018 Datasheet HTML 206Page - Renesas Technology Corp SH7018 Datasheet HTML 207Page - Renesas Technology Corp SH7018 Datasheet HTML 208Page - Renesas Technology Corp SH7018 Datasheet HTML 209Page - Renesas Technology Corp SH7018 Datasheet HTML 210Page - Renesas Technology Corp SH7018 Datasheet HTML 211Page - Renesas Technology Corp SH7018 Datasheet HTML 212Page - Renesas Technology Corp SH7018 Datasheet HTML 213Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 431 page
background image
193
• Bits 2 to 0: Clock Select 2 to 0 (CKS2 to CKS0): These bits select one of eight internal clock
sources for input to the TCNT. The clock signals are obtained by dividing the frequency of the
system clock (
φ).
Description
Bit 2: CKS2 Bit 1: CKS1
Bit 0: CKS0
Clock Source
Overflow Interval*
(
φφφφ = 20.0 MHz)
00
0
φ/2 (Initial value)
25.6 µs
1
φ/64
819.2 µs
10
φ/128
1.6384 ms
1
φ/256
3.2768 ms
10
0
φ/512
6.5536 ms
1
φ/1024
13.1072 ms
10
φ/4096
52.4288 ms
1
φ/8192
104.8576 ms
Note: * The overflow interval listed is the time from when the TCNT begins counting at H'00 until an
overflow occurs.
11.2.3
Reset Control/Status Register (RSTCSR)
The RSTCSR is an 8-bit readable and writable register. (The RSTCSR differs from other registers
in that it is more difficult to write. See section 11.2.4, Register Access, for details.) It controls
output of the internal reset signal generated by timer counter (TCNT) overflow and selects the
internal reset signal type. RSTCR is initialized to H'1F by input of a reset signal from the
RES pin,
but is not initialized by the internal reset signal generated by the overflow of the WDT. It is
initialized to H'1F in standby mode.
Bit:
7
6
5
4
3
2
1
0
WOVF
RSTE
—
—
—
—
—
—
Initial value:
0
0
0
1
1
1
1
1
R/W:
R/(W)*
R/W
RR
RRR
R
Note:
*
Only 0 can be written in bit 7 to clear the flag.
• Bit 7—Watchdog Timer Overflow Flag (WOVF): Indicates that the TCNT has overflowed
(H'FF to H'00) in the watchdog timer mode. It is not set in the interval timer mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com