Electronic Components Datasheet Search
  English  ▼

X  

SH7018 Datasheet(PDF) 207 Page - Renesas Technology Corp

Part # SH7018
Description  SuperH??RISC engine
PDF  431 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7018 Datasheet(HTML) 207 Page - Renesas Technology Corp

Back Button SH7018 Datasheet HTML 203Page - Renesas Technology Corp SH7018 Datasheet HTML 204Page - Renesas Technology Corp SH7018 Datasheet HTML 205Page - Renesas Technology Corp SH7018 Datasheet HTML 206Page - Renesas Technology Corp SH7018 Datasheet HTML 207Page - Renesas Technology Corp SH7018 Datasheet HTML 208Page - Renesas Technology Corp SH7018 Datasheet HTML 209Page - Renesas Technology Corp SH7018 Datasheet HTML 210Page - Renesas Technology Corp SH7018 Datasheet HTML 211Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 431 page
background image
191
11.1.3
Register Configuration
Table 11.1 summarizes the three WDT registers. They are used to select the clock, switch the
WDT mode, and control the reset signal.
Table 11.1
WDT Registers
Address
Name
Abbreviation
R/W
Initial Value
Write*
1
Read*
2
Timer control/status
register
TCSR
R/(W)*
3
H'18
H'FFFF8610
H'FFFF8610
Timer counter
TCNT
R/W
H'00
H'FFFF8611
Reset control/status
register
RSTCSR
R/(W)*
3
H'1F
H'FFFF8612
H'FFFF8613
Notes: 1. Write by word transfer. It cannot be written in byte or longword.
2. Read by byte transfer. It cannot be read in word or longword.
3. Only 0 can be written in bit 7 to clear the flag.
11.2
Register Descriptions
11.2.1
Timer Counter (TCNT)
The TCNT is an 8-bit read/write upcounter. (The TCNT differs from other registers in that it is
more difficult to write to. See section 11.2.4, Register Access, for details.) When the timer enable
bit (TME) in the timer control/status register (TCSR) is set to 1, the watchdog timer counter starts
counting pulses of an internal clock selected by clock select bits 2 to 0 (CKS2 to CKS0) in the
TCSR. When the value of the TCNT overflows (changes from H'FF to H'00), an internal reset
signal from the watchdog timer* or interval timer interrupt (ITI) is generated, depending on the
mode selected in the WT/
IT bit of the TCSR.
The TCNT is initialized to H'00 by a power-on reset and when the TME bit is cleared to 0. It is not
initialized in the standby mode.
Note: * If RSTE of RSTCSR is set to 1.
Bit:
7
6
5
4
3
2
1
0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com