Electronic Components Datasheet Search
  English  ▼

X  

SH7018 Datasheet(PDF) 210 Page - Renesas Technology Corp

Part # SH7018
Description  SuperH??RISC engine
PDF  431 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7018 Datasheet(HTML) 210 Page - Renesas Technology Corp

Back Button SH7018 Datasheet HTML 206Page - Renesas Technology Corp SH7018 Datasheet HTML 207Page - Renesas Technology Corp SH7018 Datasheet HTML 208Page - Renesas Technology Corp SH7018 Datasheet HTML 209Page - Renesas Technology Corp SH7018 Datasheet HTML 210Page - Renesas Technology Corp SH7018 Datasheet HTML 211Page - Renesas Technology Corp SH7018 Datasheet HTML 212Page - Renesas Technology Corp SH7018 Datasheet HTML 213Page - Renesas Technology Corp SH7018 Datasheet HTML 214Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 431 page
background image
194
Bit 7: WOVF
Description
0
No TCNT overflow in watchdog timer mode
(Initial value)
Cleared when software reads WOVF, then writes 0 in WOVF
1
Set by TCNT overflow in watchdog timer mode
• Bit 6—Reset Enable (RSTE): Selects whether to reset the chip internally if the TCNT
overflows in the watchdog timer mode.
Bit 6: RSTE
Description
0
Not reset when TCNT overflows
(Initial value)
LSI not reset internally, but TCNT and TCSR reset within WDT.
1
Reset when TCNT overflows
• Bit 5—Reserved: This bit is always read as 0. The write value should always be 0.
• Bits 4 to 0—Reserved: These bits are always read as 1. The write value should always be 1.
11.2.4
Register Access
The watchdog timer’s TCNT, TCSR, and RSTCSR registers differ from other registers in that they
are more difficult to write to. The procedures for writing and reading these registers are given
below.
Writing to the TCNT and TCSR: These registers must be written by a word transfer instruction.
They cannot be written by byte transfer instructions.
The TCNT and TCSR both have the same write address. The write data must be contained in the
lower byte of the written word. The upper byte must be H'5A (for the TCNT) or H'A5 (for the
TCSR) (figure 11.2). This transfers the write data from the lower byte to the TCNT or TCSR.
H'5A
H'FFFF8610
Address:
Writing to the TCNT
15
8
7
0
Write data
H'A5
H'FFFF8610
Address:
Writing to the TCSR
15
8
7
0
Write data
Figure 11.2 Writing to the TCNT and TCSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com