Electronic Components Datasheet Search
  English  ▼

X  

SH7018 Datasheet(PDF) 229 Page - Renesas Technology Corp

Part # SH7018
Description  SuperH??RISC engine
PDF  431 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7018 Datasheet(HTML) 229 Page - Renesas Technology Corp

Back Button SH7018 Datasheet HTML 225Page - Renesas Technology Corp SH7018 Datasheet HTML 226Page - Renesas Technology Corp SH7018 Datasheet HTML 227Page - Renesas Technology Corp SH7018 Datasheet HTML 228Page - Renesas Technology Corp SH7018 Datasheet HTML 229Page - Renesas Technology Corp SH7018 Datasheet HTML 230Page - Renesas Technology Corp SH7018 Datasheet HTML 231Page - Renesas Technology Corp SH7018 Datasheet HTML 232Page - Renesas Technology Corp SH7018 Datasheet HTML 233Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 431 page
background image
213
• Bit 2—Transmit End (TEND): Indicates that when the last bit of a serial character was
transmitted, the TDR1 did not contain valid data, so transmission has ended. TEND is a read-
only bit and cannot be written.
Bit 2: TEND
Description
0
Transmission is in progress
TEND is cleared to 0 when software reads TDRE after it has been set to 1, then
writes 0 in TDRE.
1
End of transmission
(Initial value)
TEND is set to 1 when the chip is power-on reset or in standby mode, TE is
cleared to 0 in the serial control register (SCR1), or TDRE is 1 when the last bit
of a one-byte serial character is transmitted.
• Bit 1—Multiprocessor Bit (MPB): Stores the value of the multiprocessor bit in receive data
when a multiprocessor format is selected for receiving. The MPB is a read-only bit and cannot
be written.
Bit 1: MPB
Description
0
Multiprocessor bit value in receive data is 0
(Initial value)
If RE is cleared to 0 when a multiprocessor format is selected, the MPB retains
its previous value.
1
Multiprocessor bit value in receive data is 1
• Bit 0—Multiprocessor Bit Transfer (MPBT): Stores the value of the multiprocessor bit added
to transmit data when a multiprocessor format is selected for transmitting. The setting of the
MPBT bit is ignored in the clock synchronous mode, when the multiprocessor format is not
being used, and when transmission is not taking place.
Bit 0: MPBT
Description
0
Multiprocessor bit value in transmit data is 0
(Initial value)
1
Multiprocessor bit value in transmit data is 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com