Electronic Components Datasheet Search
  English  ▼

X  

SH7018 Datasheet(PDF) 230 Page - Renesas Technology Corp

Part # SH7018
Description  SuperH??RISC engine
PDF  431 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7018 Datasheet(HTML) 230 Page - Renesas Technology Corp

Back Button SH7018 Datasheet HTML 226Page - Renesas Technology Corp SH7018 Datasheet HTML 227Page - Renesas Technology Corp SH7018 Datasheet HTML 228Page - Renesas Technology Corp SH7018 Datasheet HTML 229Page - Renesas Technology Corp SH7018 Datasheet HTML 230Page - Renesas Technology Corp SH7018 Datasheet HTML 231Page - Renesas Technology Corp SH7018 Datasheet HTML 232Page - Renesas Technology Corp SH7018 Datasheet HTML 233Page - Renesas Technology Corp SH7018 Datasheet HTML 234Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 431 page
background image
214
12.2.8
Bit Rate Register (BRR1)
The bit rate register (BRR1) is an 8-bit register that, together with the baud rate generator clock
source selected by the CKS1 and CKS0 bits in the serial mode register (SMR1), determines the
serial transmit/receive bit rate.
The CPU can always read and write the BRR1. The BRR1 is initialized to H'FF by a power-on
reset.
Bit:
7
6
5
4
3
2
1
0
Initial value:
1
1
1
1
1
1
1
1
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 12.3 lists examples of BRR1 settings in the asynchronous mode. Table 12.4 lists examples
of BRR1 settings in the clock synchronous mode.
Table 12.3
Bit Rates and BRR1 Settings (Asynchronous Mode)
φφφφ (MHz)
Bit Rate
4
4.9152
6
(Bits/s)
n
N
Error (%)
n
N
Error (%)
n
N
Error (%)
110
2
70
0.03
2
86
0.31
2
106
–0.44
150
1
207
0.16
1
255
0.00
2
77
0.16
300
1
103
0.16
1
127
0.00
1
155
0.16
600
0
207
0.16
0
255
0.00
1
77
0.16
1200
0
103
0.16
0
127
0.00
0
155
0.16
2400
0
51
0.16
0
63
0.00
0
77
0.16
4800
0
25
0.16
0
31
0.00
0
38
0.16
9600
0
12
0.16
0
15
0.00
0
19
–2.34
14400
0
8
–3.55
0
10
–3.03
0
12
0.16
19200
0
6
–6.99
0
7
0.00
0
9
–2.34
28800
0
3
8.51
0
4
6.67
0
6
–6.99
31250
0
3
0.00
0
4
–1.70
0
5
0.00
38400
0
2
8.51
0
3
0.00
0
4
–2.34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com