Electronic Components Datasheet Search
  English  ▼

X  

SH7018 Datasheet(PDF) 228 Page - Renesas Technology Corp

Part # SH7018
Description  SuperH??RISC engine
PDF  431 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7018 Datasheet(HTML) 228 Page - Renesas Technology Corp

Back Button SH7018 Datasheet HTML 224Page - Renesas Technology Corp SH7018 Datasheet HTML 225Page - Renesas Technology Corp SH7018 Datasheet HTML 226Page - Renesas Technology Corp SH7018 Datasheet HTML 227Page - Renesas Technology Corp SH7018 Datasheet HTML 228Page - Renesas Technology Corp SH7018 Datasheet HTML 229Page - Renesas Technology Corp SH7018 Datasheet HTML 230Page - Renesas Technology Corp SH7018 Datasheet HTML 231Page - Renesas Technology Corp SH7018 Datasheet HTML 232Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 431 page
background image
212
• Bit 4—Framing Error (FER): Indicates that data reception ended abnormally due to a framing
error.
Bit 4: FER
Description
0
Receiving is in progress or has ended normally
(Initial value)
Clearing the RE bit to 0 in the serial control register (SCR1) does not affect the
FER bit, which retains its previous value.
FER is cleared to 0 when the chip is power-on reset, in standby mode, or
software reads FER after it has been set to 1, then writes 0 in FER.
1
A receive framing error occurred
When the stop bit length is two bits, only the first bit is checked to see if it is a 1.
The second stop bit is not checked. When a framing error occurs, the SCI1
transfers the receive data into the RDR but does not set RDRF. Serial receiving
cannot continue while FER is set to 1.
FER is set to 1 if the stop bit at the end of receive data is checked and found to
be 0.
• Bit 3—Parity Error (PER): Indicates that data reception (with parity) ended abnormally due to
a parity error.
Bit 3: PER
Description
0
Receiving is in progress or has ended normally
(Initial value)
Clearing the RE bit to 0 in the serial control register (SCR1) does not affect the
PER bit, which retains its previous value.
PER is cleared to 0 when the chip is power-on reset, in standby mode, or
software reads PER after it has been set to 1, then writes 0 in PER.
1
A receive parity error occurred
When a parity error occurs, the SCI1 transfers the receive data into the RDR1
but does not set RDRF. Serial receiving cannot continue while PER is set to 1.
PER is set to 1 if the number of 1s in receive data, including the parity bit, does
not match the even or odd parity setting of the parity mode bit (O/
E) in the serial
mode register (SMR1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com