Electronic Components Datasheet Search
  English  ▼

X  

SH7018 Datasheet(PDF) 227 Page - Renesas Technology Corp

Part # SH7018
Description  SuperH??RISC engine
PDF  431 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7018 Datasheet(HTML) 227 Page - Renesas Technology Corp

Back Button SH7018 Datasheet HTML 223Page - Renesas Technology Corp SH7018 Datasheet HTML 224Page - Renesas Technology Corp SH7018 Datasheet HTML 225Page - Renesas Technology Corp SH7018 Datasheet HTML 226Page - Renesas Technology Corp SH7018 Datasheet HTML 227Page - Renesas Technology Corp SH7018 Datasheet HTML 228Page - Renesas Technology Corp SH7018 Datasheet HTML 229Page - Renesas Technology Corp SH7018 Datasheet HTML 230Page - Renesas Technology Corp SH7018 Datasheet HTML 231Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 431 page
background image
211
Bit 7: TDRE
Description
0
TDR1 contains valid transmit data
TDRE is cleared to 0 when software reads TDRE after it has been set to 1, then
writes 0 in TDRE.
1
TDR1 does not contain valid transmit data
(Initial value)
TDRE is set to 1 when the chip is power-on reset or in standby mode, the TE bit
in the serial control register (SCR1) is cleared to 0, or TDR1 contents are loaded
into TSR1, so new data can be written in TDR1.
• Bit 6—Receive Data Register Full (RDRF): Indicates that RDR1 contains received data.
Bit 6: RDRF
Description
0
RDR1 does not contain valid received data
(Initial value)
RDRF is cleared to 0 when the chip is power-on reset or in standby mode,
software reads RDRF after it has been set to 1, then writes 0 in RDRF.
1
RDR1 contains valid received data
RDRF is set to 1 when serial data is received normally and transferred from
RSR1 to RDR1.
Note:
The RDR1 and RDRF are not affected by detection of receive errors or by clearing of the
RE bit to 0 in the serial control register (SCR1). They retain their previous contents. If RDRF
is still set to 1 when reception of the next data ends, an overrun error (ORER) occurs and
the received data is lost.
• Bit 5—Overrun Error (ORER): Indicates that data reception ended abnormally due to an
overrun error.
Bit 5: ORER
Description
0
Receiving is in progress or has ended normally
(Initial value)
Clearing the RE bit to 0 in the serial control register (SCR1) does not affect the
ORER bit, which retains its previous value.
ORER is cleared to 0 when the chip is power-on reset, in standby mode, or
software reads ORER after it has been set to 1, then writes 0 in ORER.
1
A receive overrun error occurred
RDR1 continues to hold the data received before the overrun error, so
subsequent receive data is lost. Serial receiving cannot continue while ORER is
set to 1.
ORER is set to 1 if reception of the next serial data ends when RDRF is set to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com