Electronic Components Datasheet Search
  English  ▼

X  

SH7018 Datasheet(PDF) 272 Page - Renesas Technology Corp

Part # SH7018
Description  SuperH??RISC engine
PDF  431 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7018 Datasheet(HTML) 272 Page - Renesas Technology Corp

Back Button SH7018 Datasheet HTML 268Page - Renesas Technology Corp SH7018 Datasheet HTML 269Page - Renesas Technology Corp SH7018 Datasheet HTML 270Page - Renesas Technology Corp SH7018 Datasheet HTML 271Page - Renesas Technology Corp SH7018 Datasheet HTML 272Page - Renesas Technology Corp SH7018 Datasheet HTML 273Page - Renesas Technology Corp SH7018 Datasheet HTML 274Page - Renesas Technology Corp SH7018 Datasheet HTML 275Page - Renesas Technology Corp SH7018 Datasheet HTML 276Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 431 page
background image
256
12.5
Notes on Use
The following points should be noted when using the SCI1.
TDR1 Write and TDRE Flags: The TDRE bit in the serial status register (SSR1) is a status flag
indicating loading of transmit data from TDR1 into TSR1. The SCI1 sets TDRE to 1 when it
transfers data from TDR1 to TSR1. Data can be written to TDR1 regardless of the TDRE bit
status. If new data is written in TDR1 when TDRE is 0, however, the old data stored in TDR1 will
be lost because the data has not yet been transferred to the TSR1. Before writing transmit data to
the TDR1, be sure to check that TDRE is set to 1.
Simultaneous Multiple Receive Errors: Table 12.13 indicates the state of the SSR1 status flags
when multiple receive errors occur simultaneously. When an overrun error occurs, the RSR1
contents cannot be transferred to the RDR1, so receive data is lost.
Table 12.13 SSR1 Status Flags and Transfer of Receive Data
SSR1 Status Flags
Receive Data
Transfer
Receive Error Status
RDRF
ORER
FER
PER
RSR1
→
→
→
→ RDR1
Overrun error
1
1
0
0
X
Framing error
0
0
1
0
O
Parity error
0
0
0
1
O
Overrun error + framing error
1
1
1
0
X
Overrun error + parity error
1
1
0
1
X
Framing error + parity error
0
0
1
1
O
Overrun error + framing error + parity
error
11
1
1
X
Note:
O = Receive data is transferred from RSR1 to RDR1.
X = Receive data is not transferred from RSR1 to RDR1.
Break Detection and Processing: Break signals can be detected by reading the RxD pin directly
when a framing error (FER) is detected. In the break state, the input from the RxD pin consists of
all 0s, so FER is set and the parity error flag (PER) may also be set. In the break state, the SCI1
receiver continues to operate, so if the FER bit is cleared to 0, it will be set to 1 again.
Sending a Break Signal: The TxD pin becomes a general I/O pin with the I/O direction and level
determined by the I/O port data register (DR) and pin function controller (PFC) control register
(CR). These conditions allow break signals to be sent. The DR value is substituted for the marking
status until the PFC is set. Consequently, the output port is set to initially output a 1. To send a
break in serial transmission, first clear the DR to 0, then establish the TxD pin as an output port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com