Electronic Components Datasheet Search
  English  ▼

X  

SH7018 Datasheet(PDF) 319 Page - Renesas Technology Corp

Part # SH7018
Description  SuperH??RISC engine
PDF  431 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7018 Datasheet(HTML) 319 Page - Renesas Technology Corp

Back Button SH7018 Datasheet HTML 315Page - Renesas Technology Corp SH7018 Datasheet HTML 316Page - Renesas Technology Corp SH7018 Datasheet HTML 317Page - Renesas Technology Corp SH7018 Datasheet HTML 318Page - Renesas Technology Corp SH7018 Datasheet HTML 319Page - Renesas Technology Corp SH7018 Datasheet HTML 320Page - Renesas Technology Corp SH7018 Datasheet HTML 321Page - Renesas Technology Corp SH7018 Datasheet HTML 322Page - Renesas Technology Corp SH7018 Datasheet HTML 323Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 319 / 431 page
background image
303
15.2.2
Port A Data Register L (PADRL)
Port A data register L (PADRL) is a 16-bit readable/writable register that stores port A data. The
bits of this register correspond to the various pins.
When a pin functions as a general output, if a value is written to PADRL, that value is output
directly from the pin, and if PADRL is read, the register value is returned directly regardless of the
pin state.
When a pin functions as a general input, if PADRL is read the pin state, not the register value, is
returned directly. If a value is written to PADRL, that value is written to PADRL but it does not
affect the pin state. Table 15.2 summarizes the port A data register read/write operations.
PADRL is initialized by an external power-on reset. However, it is not initialized by a WDT reset,
in standby mode, or in sleep mode.
Bit:
15
14
13
12
11
10
9
8
PA15DR PA14DR
—
PA12DR PA11DR PA10DR
PA9DR
PA8DR
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R
R/W
R/W
R/W
R/W
R/W
Bit:
7
6
5
4
3
2
1
0
PA7DR
PA6DR
PA5DR
PA4DR
PA3DR
PA2DR
PA1DR
PA0DR
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 15.2
Port A Data Register (PADR) Read/Write Operations
PAIOR
Pin Function
Read
Write
0
General input
Pin state
Value is written to PADR, but does not affect
pin state
Other than general input
Pin state
Value is written to PADR, but does not affect
pin state
1
General output
PADR value
Write value is output from pin
Other than general output
PADR value
Value is written to PADR, but does not affect
pin state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com