Electronic Components Datasheet Search
  English  ▼

X  

SH7018 Datasheet(PDF) 320 Page - Renesas Technology Corp

Part # SH7018
Description  SuperH??RISC engine
PDF  431 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7018 Datasheet(HTML) 320 Page - Renesas Technology Corp

Back Button SH7018 Datasheet HTML 316Page - Renesas Technology Corp SH7018 Datasheet HTML 317Page - Renesas Technology Corp SH7018 Datasheet HTML 318Page - Renesas Technology Corp SH7018 Datasheet HTML 319Page - Renesas Technology Corp SH7018 Datasheet HTML 320Page - Renesas Technology Corp SH7018 Datasheet HTML 321Page - Renesas Technology Corp SH7018 Datasheet HTML 322Page - Renesas Technology Corp SH7018 Datasheet HTML 323Page - Renesas Technology Corp SH7018 Datasheet HTML 324Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 320 / 431 page
background image
304
15.3
Port B
Port A is an input/output port with the 10 pins shown in figure 15.2.
PB9 (I/O) / IRQ7 (input) / A21 (output)
Port B
PB8 (I/O) / IRQ6 (input) A20 (output) / WAIT (input)
PB7 (I/O) / A19 (output)
PB6 (I/O) / A18 (output)
PB5 (I/O)
PB4 (I/O)
PB3 (I/O) / IRQ1 (input)
PB2 (I/O)
PB1 (I/O) / A17 (output)
PB0 (I/O) / A16 (output)
Figure 15.2 Port B
15.3.1
Register Configuration
The port B registers are shown in table 15.3.
Table 15.3
Port B Registers
Name
Abbreviation
R/W
Initial Value
Address
Access Size
Port B Data Register
PBDR
R/W
H'0000
H'FFFF8390
H'FFFF8391
8, 16, 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com