Electronic Components Datasheet Search
  English  ▼

X  

SH7018 Datasheet(PDF) 323 Page - Renesas Technology Corp

Part # SH7018
Description  SuperH??RISC engine
PDF  431 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7018 Datasheet(HTML) 323 Page - Renesas Technology Corp

Back Button SH7018 Datasheet HTML 319Page - Renesas Technology Corp SH7018 Datasheet HTML 320Page - Renesas Technology Corp SH7018 Datasheet HTML 321Page - Renesas Technology Corp SH7018 Datasheet HTML 322Page - Renesas Technology Corp SH7018 Datasheet HTML 323Page - Renesas Technology Corp SH7018 Datasheet HTML 324Page - Renesas Technology Corp SH7018 Datasheet HTML 325Page - Renesas Technology Corp SH7018 Datasheet HTML 326Page - Renesas Technology Corp SH7018 Datasheet HTML 327Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 323 / 431 page
background image
307
15.4.2
Port C Data Register (PCDR)
The port C data register (PCDR) is a 16-bit readable/writable register that stores port C data. The
bits of this register correspond to the various pins.
When a pin functions as a general output, if a value is written to PCDR, that value is output
directly from the pin, and if PCDR is read, the register value is returned directly regardless of the
pin state.
When a pin functions as a general input, if PCDR is read the pin state, not the register value, is
returned directly. If a value is written to PCDR, that value is written to PCDR but it does not affect
the pin state. Table 15.6 summarizes the port C data register read/write operations.
PCDR is initialized by an external power-on reset. However, it is not initialized by a WDT reset,
in standby mode, or in sleep mode.
Bit:
15
14
13
12
11
10
9
8
PC15DR PC14DR PC13DR PC12DR PC11DR PC10DR
PC9DR
PC8DR
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
7
6
5
4
3
2
1
0
PC7DR
PC6DR
PC5DR
PC4DR
PC3DR
PC2DR
PC1DR
PC0DR
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 15.6
Port C Data Register (PCDR) Read/Write Operations
PCIOR
Pin Function
Read
Write
0
General input
Pin state
Value is written to PCDR, but does not affect pin
state
Other than general
input
Pin state
Value is written to PCDR, but does not affect pin
state
1
General output
PCDR value
Write value is output from pin
Other than general
output
PCDR value
Value is written to PCDR, but does not affect pin
state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com