Electronic Components Datasheet Search
  English  ▼

X  

SH7018 Datasheet(PDF) 327 Page - Renesas Technology Corp

Part # SH7018
Description  SuperH??RISC engine
PDF  431 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7018 Datasheet(HTML) 327 Page - Renesas Technology Corp

Back Button SH7018 Datasheet HTML 323Page - Renesas Technology Corp SH7018 Datasheet HTML 324Page - Renesas Technology Corp SH7018 Datasheet HTML 325Page - Renesas Technology Corp SH7018 Datasheet HTML 326Page - Renesas Technology Corp SH7018 Datasheet HTML 327Page - Renesas Technology Corp SH7018 Datasheet HTML 328Page - Renesas Technology Corp SH7018 Datasheet HTML 329Page - Renesas Technology Corp SH7018 Datasheet HTML 330Page - Renesas Technology Corp SH7018 Datasheet HTML 331Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 327 / 431 page
background image
311
15.6.2
Port E Data Register (PEDR)
The port E data register (PEDR) is a 16-bit readable/writable register that stores port E data. The
bits of this register correspond to the various pins. When a pin functions as a general output, if a
value is written to PEDR, that value is output directly from the pin, and if PEDR is read, the
register value is returned directly regardless of the pin state.
When a pin functions as a general input, if PEDR is read the pin state, not the register value, is
returned directly. If a value is written to PEDR, that value is written to PEDR but it does not affect
the pin state. Table 15.10 summarizes the port E data register read/write operations.
PEDR is initialized by an external power-on reset. However, it is not initialized by a WDT reset,
in standby mode, or in sleep mode.
Bit:
15
14
13
12
11
10
9
8
—
PE14DR PE13DR PE12DR PE11DR PE10DR
PE9DR
PE8DR
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
7
6
5
4
3
2
1
0
PE7DR
PE6DR
PE5DR
PE4DR
—
PE2DR
—
PE0DR
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R
R/W
R
R/W
Table 15.10 Port E Data Register (PEDR) Read/Write Operations
PEIOR
Pin Function
Read
Write
0
General input
Pin state
Value is written to PEDR, but does not affect pin
state
Other than general
input
Pin state
Value is written to PEDR, but does not affect pin
state
1
General output
PEDR value
Write value is output from pin
Other than general
output
PEDR value
Value is written to PEDR, but does not affect pin
state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com