| Electronic Components Datasheet Search |
|
R8C/12 Datasheet(PDF) 74 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C/12 Datasheet(HTML) 74 Page - Renesas Technology Corp |
|
74 / 198 page ![]() R8C/12 Group Rev.1.20 Jan 27, 2006 page 64 of 181 REJ09B0110-0120 0F16 0E16 0E16 0D16 0C16 0B16 0A16 0916 0F16 0E16 0D16 0116 0016 0F16 0E16 0F16 0E16 0A16 0816 Timer X reloads 0D16 0116 0F16 0E16 Timer X read TXEDG bit in TXMR register (2) Cleared to "0" by program TXUND bit in TXMR register NOTES: 1. The contents of the read-out buffer can be read when the TX register is read in pulse period measurement mode. 2. After an active edge of measurement pulse is input, the TXEDG bit in the TXMR register is set to "1" (active edge found) when the prescaler X underflows for the second time. 3. The TX register should be read before the next active edge is input after the TXEDG bit is set to "1" (active edge found). The contents in the read-out buffer is retained until the TX register is read. If the TX register is not read before the next active edge is input, the measured result of the previous period is retained. 4. When set to "0" by program, use a MOV instruction to write "0" to the TXEDG in the TXMR register. At the same time, write "1" to the TXUND bit. 5. When set to "0" by program, use a MOV instruction to write "0" to the TXUND in the TXMR register. At the same time, write "1" to the TXEDG bit. 6. The TXUND and TXEDG bits are both set to "1" if the timer underflows and reloads on an active edge simultaneously. In this case, the validity of the TXUND bit should be determined by the contents of the read-out buffer. 7. If the CNTR0 active edge is input, when the prescaler X underflow signal is "H" level, its count value is the one of the read buffer. If "L" level, the following count value is the one of the read buffer. Conditions: A period from one rising edge to the next rising edge of measurement pulse is measured (R0EDG=0) with TX register initial value=0F16. Set to "1" by program Starts counting TXS bit in TXMR register “1” “0” “1” “0” CNTR0 pin input Timer X contents Contents of read-out buffer1 Timer X reloads Timer X reloads Timer X read (2) (4) (6) Cleared to "0" by program “1” “0” “1” “0” “1” “0” “1” “0” Cleared to “0” when interrupt request is accepted, or cleared by program Cleared to “0” when interrupt request is accepted, or cleared by program IR bit in INT1IC register IR bit in TXIC register 0916 0016 Retained Retained 0816 0F16 Underflow signal of prescaler X (3) (3) (7) (7) (5) Figure 12.10 Operation Example in Pulse Period Measurement Mode 12.1 Timer (Timer X) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |