| Electronic Components Datasheet Search |
|
R8C/12 Datasheet(PDF) 84 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C/12 Datasheet(HTML) 84 Page - Renesas Technology Corp |
|
84 / 198 page ![]() R8C/12 Group Rev.1.20 Jan 27, 2006 page 74 of 181 REJ09B0110-0120 Figure 12.20 PREZ Register, TZSC Register, TZPR Register, and TYZOC Register NOTES: 1. Each value in the TZPR register and TZSC register is reloaded to the counter alternately for counting. 2. The count value can be read out by reading the TZSC register even when the secondary period is being counted. NOTES: 1. Each value in the TZPR register and TZSC register is reloaded to the counter alternately for counting. SymbolAddressAfter reset PREZ008516 FF16 b7 b0 RW Internal count source or Timer Y underflow is counted Function Setting range Prescaler Z register 0016 to FF16 Internal count source or Timer Y underflow is counted 0016 to FF16 Internal count source or Timer Y underflow is counted 0016 to FF16 Timer mode Programmable waveform generation mode Programmable one-shot generation mode Mode RW RW RW Internal count source or Timer Y underflow is counted 0016 to FF16 Programmable wait one-shot generation mode RW SymbolAddressAfter reset TZSC008616 FF16 b7 b0 RW Invalid Function Setting range Timer Z Secondary register Underflow of Prescaler Z is counted(1) 0016 to FF16 Invalid Timer mode Programmable waveform generation mode Programmable one-shot generation mode Mode WO(2) Underflow of Prescaler Z is counted (One-shot width is counted) 0016 to FF16 Programmable wait one-shot generation mode WO Symbol Address After reset TZPR 008716 FF16 b7 b0 RW Underflow of Prescaler Z is counted Function Setting range Timer Z Primary register 0016 to FF16 Underflow of Prescaler Z is counted(1) 0016 to FF16 Underflow of Prescaler Z is counted (One-shot width is counted) 0016 to FF16 Timer mode Programmable waveform generation mode Programmable one-shot generation mode Mode RW RW RW Underflow of Prescaler Z is counted (Wait period is counted) 0016 to FF16 Programmable wait one-shot generation mode RW Timer Y, Z output control register(3) Symbol Address After reset TYZOC 008A16 0016 Bit name Function Bit symbol b7 b6 b5 b4 b3 b2 b1 b0 TZOCNT TYOCNT TZOS Nothing is assigned. When write, set to "0". When read, its content is "0". Timer Z one-shot start bit(1) Timer Y programmable waveform generation output switching bit(2) 0 : Outputs programmable waveform 1 : Outputs the value of P32 port register 0 : Outputs programmable waveform 1 : Outputs the value of P31 port register 0 : Stops one-shot 1 : Starts one-shot Timer Z programmable waveform generation output switching bit(2) NOTES: 1. This bit is set to "0" when the output of one-shot waveform is completed. The TZOS bit should be set to "0" if the one-shot waveform output is terminated by setting the TZS bit in the TYZMR to "0" during the waveform output. 2. This bit is enabled only when operating in programmable waveform generation mode. 3. If executing an instruction which changes this register when the TZOS bit is “1” (during the count), the TZOS is automatically set to “0” when the count completes while the instruction is executed. If this causes some problems, execute an instruction which changes this register when the TZOS bit is “0” (one shot stop). RW RW RW RW (b7-b3) 12.3 Timer (Timer Z) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |