| Electronic Components Datasheet Search |
|
R8C/12 Datasheet(PDF) 19 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C/12 Datasheet(HTML) 19 Page - Renesas Technology Corp |
|
19 / 198 page ![]() R8C/12 Group 3. Memory Rev.1.20 Jan 27, 2006 page 9 of 181 REJ09B0110-0120 3. Memory Figure 3.1 is a memory map of this MCU. This MCU provides 1-Mbyte address space from addresses 0000016 to FFFFF16. The internal ROM (program ROM) is allocated lower addresses beginning with address 0FFFF16. For example, a 16-Kbyte internal ROM is allocated addresses from 0C00016 to 0FFFF16. The fixed interrupt vector table is allocated addresses 0FFDC16 to 0FFFF16. They store the starting address of each interrupt routine. The internal ROM (data flash) is allocated addresses from 0200016 to 02FFF16. The internal RAM is allocated addresses beginning with address 0040016. For example, a 1-Kbyte inter- nal RAM is allocated addresses 0040016 to 007FF16. The internal RAM is used not only for storing data, but for calling subroutines and stacks when interrupt request is acknowledged. Special function registers (SFR) are allocated addresses 0000016 to 002FF16. The peripheral function control registers are located them. All addresses, which have nothing allocated within the SFR, are re- served area and cannot be accessed by users. Figure 3.1 Memory Map 0000016 0YYYY16 0FFFF16 002FF16 0040016 Internal ROM (program ROM) SFR (See Chapter 4 for details.) 0FFDC16 0FFFF16 Undefined instruction Overflow BRK instruction Address match Single step Watchdog timer•Oscillation stop detection Reset (Reserved) Type name 0XXXX16 Internal RAM FFFFF16 Address 0XXXX16 005FF16 Internal RAM Size 007FF16 512 bytes 1K bytes 006FF16 768 bytes Address 0YYYY16 0E00016 Internal ROM Size 0C00016 8K bytes 16K bytes 0D00016 12K bytes Expansion area (Reserved) R5F21124FP, R5F21124DFP R5F21123FP, R5F21123DFP R5F21122FP, R5F21122DFP 0200016 02FFF16 Internal ROM (data flash)(1) NOTES: 1. The data flash block A (2K bytes) and block B (2K bytes) are shown. 2. Blank space are reserved. No access is allowed. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |