Electronic Components Datasheet Search
  English  ▼

X  

R8C/12 Datasheet(PDF) 99 Page - Renesas Technology Corp

Part # R8C/12
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C /Tiny SERIES
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/12 Datasheet(HTML) 99 Page - Renesas Technology Corp

Back Button R8C/12 Datasheet HTML 95Page - Renesas Technology Corp R8C/12 Datasheet HTML 96Page - Renesas Technology Corp R8C/12 Datasheet HTML 97Page - Renesas Technology Corp R8C/12 Datasheet HTML 98Page - Renesas Technology Corp R8C/12 Datasheet HTML 99Page - Renesas Technology Corp R8C/12 Datasheet HTML 100Page - Renesas Technology Corp R8C/12 Datasheet HTML 101Page - Renesas Technology Corp R8C/12 Datasheet HTML 102Page - Renesas Technology Corp R8C/12 Datasheet HTML 103Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 198 page
background image
R8C/12 Group
13. Serial Interfaces
Rev.1.20
Jan 27, 2006
page 89 of 181
REJ09B0110-0120
13. Serial Interface
Serial interface is configured with two channels: UART0 to UART1. UART0 and UART1 each have an
exclusive timer to generate a transfer clock, so they operate independently of each other.
Figure 13.1 shows a block diagram of UARTi (i=0, 1). Figure 13.2 shows a block diagram of the UARTi
transmit/receive.
UART0 has two modes: clock synchronous serial I/O mode, and clock asynchronous serial I/O mode (UART
mode).
UART1 has only one mode, clock asynchronous serial I/O mode (UART mode).
Figures 13.3 to 13.5 show the UARTi-related registers.
Figure 13.1 UARTi (i=0, 1) Block Diagram
Internal
External
Main clock or on-chip oscillator clock
Receive
clock
Transmit
clock
f1SIO
1/8
f8SIO
1/4
f32SIO
1/2
CLK1 to CLK0=002
=012
=102
CKDIR=0
CKDIR=1
CLK0
(UART0)
RxD0
f1SIO
1/(n0+1)
TxD0
RxD1
CLK1 to CLK0=002
=012
=102
To P00
TxD10
TxD11
TXD1SEL=1
TXD1SEL=0
TXD1EN
1/(n1+1)
(UART1)
1/16
1/16
1/16
1/16
U0BRG register
f8SIO
f32SIO
f1SIO
f8SIO
f32SIO
CLK
polarity
reversing
circuit
Clock synchronous type
(when internal clock is selected)
Clock synchronous type
(when external clock is selected)
UART reception
Clock synchronous
type
UART transmission
Clock synchronous
type
Clock synchronous type
(when internal clock is selected)
Reception
control circuit
Transmission control
circuit
Transmit/
receive
unit
UART reception
U1BRG
register
Internal
UART transmission
Reception
control circuit
Transmission
control circuit
Transmit/
receive
unit
Reception
control circuit
Transmission
control circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com