| Electronic Components Datasheet Search |
|
R8C/12 Datasheet(PDF) 86 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C/12 Datasheet(HTML) 86 Page - Renesas Technology Corp |
|
86 / 198 page ![]() R8C/12 Group Rev.1.20 Jan 27, 2006 page 76 of 181 REJ09B0110-0120 12.3.1 Timer Mode In this mode, the timer counts an internally generated count source or Timer Y underflow (see “Table 12.9 Timer Mode Specifications”). The Timer Z secondary is unused in timer mode. Figure 12.22 shows the TYZMR register and PUM register in timer mode. Item Specification Count source f1, f2, f8, Timer Y underflow Count operation • Down-count • When the timer underflows, it reloads the reload register contents before continuing counting (When the Timer Z underflows, the contents of the Timer Z primary reload register is reloaded.) Divide ratio 1/(n+1)(m+1) n: set value in PREZ register, m: set value in TZPR register Count start condition Write “1” (count start) to TZS bit in TYZMR register Count stop condition Write “0” (count stop) to TZS bit in TYZMR register Interrupt request • When Timer Z underflows [Timer Z interrupt] generation timing TZOUT pin function Programmable I/O port INT0 pin function _______ Programmable I/O port, or INT0 interrupt input Read from timer Count value can be read out by reading TZPR register. Same applies to PREZ register. Write to timer(1) Value written to TZPR register is written to both reload register and counter or written to reload register only. Selected by program. Same applies to PREZ register. NOTES: 1. The IR bit in the TZIC register is set to "1" (interrupt requested) if you write to the TZPR or PREZ register while both of the following conditions are met. <Conditions> • TZWC bit in TYZMR register is set to "0" (write to reload register and counter simultaneously) • TZS bit in TYZMR register is set to "1" (count start) To write to the TZPR or PREZ register in the above state, disable interrupts before the writing. Table 12.9 Timer Mode Specifications 12.3 Timer (Timer Z) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |