| Electronic Components Datasheet Search |
|
R8C/12 Datasheet(PDF) 83 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C/12 Datasheet(HTML) 83 Page - Renesas Technology Corp |
|
83 / 198 page ![]() R8C/12 Group Rev.1.20 Jan 27, 2006 page 73 of 181 REJ09B0110-0120 TZSC register f1 f8 Timer Y underflow f2 Toggle flip-flop P3_1 bit in P3 register TZOUT Q Q Data bus Reload register Reload register Reload register TZPR register Counter Counter PREZ register Input polarity selected to be one edge or both edges Digital filter Polarity select INT0 TZS TZOS INOSEG TZOCNT=0 INT0PL TZMOD1 to TZMOD0=012, 102, 112 INT0EN TZOCNT=1 TZOPL=0 TZOPL=1 TZMOD1 to TZMOD0=102 , 112 TZCK1 to TZCK0 =002 =012 =102 =112 Timer Z interrupt INT0 interrupt CK CLR Write to TYZMR register TZMOD1 to TZMOD0 bits=012, 102, 112 Figure 12.19 TYZMR Register 12.3 Timer Z Timer Z is an 8-bit timer with an 8-bit prescaler and has two reload registers-Timer Z Primary and Timer Z Secondary. Figure 12.18 shows a block diagram of Timer Z. Figures 12.19 to 12.21 show the TYZMR, PREZ, TZSC, TZPR, TYZOC, PUM, and TCSS registers. Timer Z has the following four operation modes. • Timer mode: The timer counts an internal count source or Timer Y underflow. • Programmable waveform generation mode: The timer outputs pulses of a given width successively. • Programmable one-shot generation mode: The timer outputs one-shot pulse. • Programmable wait one-shot generation mode: The timer outputs delayed one-shot pulse. Timer Y, Z mode register SymbolAddressAfter reset TYZMR008016 0016 Bit name Function Bit symbol b7 b6 b5 b4 b3 b2 b1 b0 0 0 : Timer mode 0 1 : Programmable waveform generation mode 1 0 : Programmable one-shot generation mode 1 1 : Programmable wait one-shot generation mode TZMOD1 TYS TYWC TYMOD0 TZMOD0 Timer Y operation mode bit Timer Y write control bit Function varies depending on the operation mode 0 : Timer mode 1 : Programmable waveform generation mode TZWC TZS 0 : Stops counting 1 : Starts counting 0 : Stops counting 1 : Starts counting Timer Z count start flag Timer Z operation mode bit b5 b4 Timer Y count start flag Timer Z write control bit Function varies depending on the operation mode RW RW RW RW RW RW RW RW RW R1EDG 0 : Rising edge 1 : Falling edge INT2/CNTR1 polarity switching bit(1) NOTES: 1. The IR bit in the INT2IC register may be set to “1” (interrupt requested) when the R1EDG bit is rewritten. Refer to the paragraph 19.2.5 “Changing Interrupt Factor” in the Usage Notes Reference Book. Figure 12.18 Timer Z Block Diagram 12.3 Timer (Timer Z) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |