| Electronic Components Datasheet Search |
|
R8C/12 Datasheet(PDF) 27 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C/12 Datasheet(HTML) 27 Page - Renesas Technology Corp |
|
27 / 198 page ![]() R8C/12 Group Rev.1.20 Jan 27, 2006 page 17 of 181 REJ09B0110-0120 • CPU clock source • Peripheral function clock source Use of clock Main clock oscillation circuit Item Clock frequency 0 to 16 MHz • Ceramic resonator • Crystal oscillator Usable oscillator XIN, XOUT(1) Pins to connect oscillator Present Oscillation starts and stops Stopped Oscillator status after reset Externally derived clock can be input Other On-chip oscillator • CPU clock source • Peripheral function clock source • CPU and peripheral function clock sources when the main clock stops oscillating About 125 kHz Present Oscillating NOTES: 1. Can be used as P46 and P47 when the on-chip oscillator clock is used for CPU clock while the main clock oscillation circuit is not used. • CPU and peripheral function clock sources when the main clock stops oscillating (Note 1) 6. Clock Generation Circuit The clock generation circuit contains two oscillator circuits as follows: • Main clock oscillation circuit • On-chip oscillator (with oscillation stop detection function) Table 6.1 lists the clock generation circuit specifications. Figure 6.1 shows the clock generation circuit. Figures 6.2 and 6.3 show the clock-related registers. Table 6.1 Clock Generation Circuit Specifications 6. Clock Generation Circuit |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |