| Electronic Components Datasheet Search |
|
R8C/12 Datasheet(PDF) 24 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C/12 Datasheet(HTML) 24 Page - Renesas Technology Corp |
|
24 / 198 page ![]() R8C/12 Group 5. Reset Rev.1.20 Jan 27, 2006 page 14 of 181 REJ09B0110-0120 5. Reset There are three types of resets: a hardware reset, a software reset, and an watchdog timer reset. 5.1 Hardware Reset ____________ ____________ A reset is applied using the RESET pin. When an “L” signal is applied to the RESET pin while the power supply voltage is within the recommended operating condition, the pins are initial- ____________ ized (see Table 5.1 “Pin Status When RESET Pin Level is 'L'”). When the input level at the ____________ RESET pin is released from “L” to “H”, the CPU and SFR are initialized, and the program is executed starting from the address indicated by the reset vector. Figure 5.1 shows the CPU register status after reset and figure 5.2 shows the reset sequence. After reset, the on-chip oscillator clock divided by 8 is automatically selected for the CPU. The internal RAM is not ____________ initialized. If the RESET pin is pulled “L” while writing to the internal RAM, the internal RAM becomes indeterminate. Figures 5.3 to 5.4 show the reset circuit example. Refer to Chapter 4, “Special Function Register (SFR)” for the status of SFR after reset. • When the power supply is stable ____________ (1) Apply an “L” signal to the RESET pin. (2) Wait for 500 µs (1/fRING ✕ 20). ____________ (3) Apply an “H” signal to the RESET pin. • Power on ____________ (1) Apply an “L” signal to the RESET pin. (2) Let the power supply voltage increase until it meets the recommended operating condition. (3) Wait td(P-R) or more until the internal power supply stabilizes. (4) Wait for 500 µs (1/fRING ✕ 20). ____________ (5) Apply an “H” signal to the RESET pin. 5.3 Watchdog Timer Reset Where the PM12 bit in the PM1 register is “1” (reset when watchdog timer underflows), the microcom- puter initializes its pins, CPU and SFR if the watchdog timer underflows. Then the program is ex- ecuted starting from the address indicated by the reset vector. After reset, the on-chip oscillator clock divided by 8 is automatically selected for the CPU. ____________ Table 5.1 Pin Status When RESET Pin Level is “L” Status Pin name P0 P1 P30 to P33, P37 P45 to P47 Input port Input port Input port Input port 5.2 Software Reset When the PM03 bit in the PM0 register is set to “1” (microcomputer reset), the microcomputer has its pins, CPU, and SFR initialized. Then the program is executed starting from the address indicated by the reset vector. After reset, the on-chip oscillator clock divided by 8 is automatically selected for the CPU. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |