Electronic Components Datasheet Search
  English  ▼

X  

R8C/12 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # R8C/12
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C /Tiny SERIES
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/12 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button R8C/12 Datasheet HTML 24Page - Renesas Technology Corp R8C/12 Datasheet HTML 25Page - Renesas Technology Corp R8C/12 Datasheet HTML 26Page - Renesas Technology Corp R8C/12 Datasheet HTML 27Page - Renesas Technology Corp R8C/12 Datasheet HTML 28Page - Renesas Technology Corp R8C/12 Datasheet HTML 29Page - Renesas Technology Corp R8C/12 Datasheet HTML 30Page - Renesas Technology Corp R8C/12 Datasheet HTML 31Page - Renesas Technology Corp R8C/12 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 198 page
background image
R8C/12 Group
Rev.1.20
Jan 27, 2006
page 18 of 181
REJ09B0110-0120
CPU clock
Interrupt request level
judgment output
CM10=1(Stop mode)
WAIT instruction
On-chip
oscillator
clock
Main
clock
CM05
RESET
R
Q
S
c
R
CM02
Q
S
R
XOUT
XIN
fAD
a
d
f8
f32
c
b
OCD2=0
OCD2=1
CM14
f8SIO
f32SIO
f1
fRING
1/128
fRING128
f1SIO
e
f2
e
CM02, CM05, CM06: CM0 register bits
CM10, CM13, CM14, CM16, CM17: CM1 register bits
OCD0, OCD1, OCD2: OCD register bits
Details of divider
1/2
1/2
1/2
1/2
CM06=0
CM17 to CM16=002
CM06=0
CM17 to CM16=012
CM06=0
CM17 to CM16=102
CM06=1
CM06=0
CM17 to CM16=112
d
a
b
1/2
Forcible discharge when OCD0(1)
OCD2 bit switch signal
OCD1(1)
CM14 bit switch signal
Pulse generation
circuit for clock
edge detection
and charge,
discharge control
circuit
Charge,
discharge
circuit
NOTES:
1. Set the same value to the OCD1 bit and OCD0 bit.
Oscillation stop
detection interrupt
generation circuit
Main clock
Watchdog
timer
interrupt
Oscillation stop
detection,
watchdog timer
interrupt
Oscillation stop detection circuit
On-chip
oscillator
Oscillation
stop
detection
Divider
Peripheral
function clock
CM13
Figure 6.1 Clock Generation Circuit
6. Clock Generation Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com