| Electronic Components Datasheet Search |
|
R8C/12 Datasheet(PDF) 105 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C/12 Datasheet(HTML) 105 Page - Renesas Technology Corp |
|
105 / 198 page ![]() R8C/12 Group 13.1 Clock Synchronous Serial I/O Mode Rev.1.20 Jan 27, 2006 page 95 of 181 REJ09B0110-0120 Table 13. 2 Registers to Be Used and Settings in Clock Synchronous Serial I/O Mode Register Bit Function U0TB 0 to 7 Set transmission data U0RB 0 to 7 Reception data can be read OER Overrun error flag U0BRG 0 to 7 Set a bit rate U0MR SMD2 to SMD0 Set to “0012” CKDIR Select the internal clock or external clock U0C0 CLK1 to CLK0 Select the count source for the U0BRG register TXEPT Transmit register empty flag NCH Select TxD0 pin output mode CKPOL Select the transfer clock polarity UFORM Select the LSB first or MSB first U0C1 TE Set this bit to “1” to enable transmission/reception TI Transmit buffer empty flag RE Set this bit to “1” to enable reception RI Reception complete flag UCON U0IRS Select the source of UART0 transmit interrupt U0RRM Set this bit to “1” to use continuous receive mode TXDISEL Set to “0” TXDIEN Set to “0” NOTES: 1. Not all register bits are described above. Set those bits to “0” when writing to the registers in clock synchronous serial I/O mode. Table 13.3 lists the functions of the I/O pins during clock synchronous serial I/O mode. Note that for a period from when the UART0 operation mode is selected to when transfer starts, the TxD0 pin outputs an “H”. (If the NCH bit is set to “1”(N-channel open-drain output), this pin is in a high-impedance state.) Table 13.3 Pin Functions Pin name Function Method of selection TxD0 (P14) Serial data output Serial data input Transfer clock output Transfer clock input (Outputs dummy data when performing reception only) RxD0 (P15) CLK0 (P16) U0MR register CKDIR bit=0 U0MR register CKDIR bit=1 PD1 register PD1_6 bit=0 PD1 register PD1_5 bit=0 (P15 can be used as an input port when performing transmission only) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |