| Electronic Components Datasheet Search |
|
R8C/12 Datasheet(PDF) 163 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C/12 Datasheet(HTML) 163 Page - Renesas Technology Corp |
|
163 / 198 page ![]() R8C/12 Group Rev.1.20 Jan 27, 2006 page 153 of 181 REJ09B0110-0120 Figure 17.10 Block Erase Flow Chart (When Not Using Erase-suspend Function) • Block Erase Write ‘2016’ in the first bus cycle and write ‘D016’ to the given address of a block in the second bus cycle, and an auto erase operation (erase and verify) will start. Check the FMR00 bit in the FMR0 register to see if auto erasing has finished. The FMR00 bit is “0” during auto erasing and set to “1” when auto erasing is completed. Check the FMR07 bit in the FMR0 register after auto erasing has finished, and the result of auto erasing can be known. (Refer to Section 17.4.5, “Full Status Check.”) When the FMR02 bit in the FMR0 register is set to “0” (rewrite disabled), the Block Erase command on the Block0 and Block1 is not accepted. Figure 17.10 shows an example of a block erase flowchart when the erase-suspend function is not used. Figure 17.11 shows an example of a block erase flowchart when the erase-suspend function is used. In EW1 mode, do not execute this command on any address at which the rewrite control program is located. In EW0 mode, the microcomputer goes to read status register mode at the same time auto erasing starts, making it possible to read the status register. The status register bit 7 (SR7) is cleared to “0” at the same time auto erasing starts, and set back to “1” when auto erasing finishes. In this case, the microcomputer remains in read status register mode until the Read Array command is written next. 17.4 CPU Rewrite Mode Write ‘D016’ to the given block address Start Block erase completed YES NO Write the command code ‘2016’ FMR00=1? Full status check |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |