Electronic Components Datasheet Search
  English  ▼

X  

R8C/12 Datasheet(PDF) 172 Page - Renesas Technology Corp

Part # R8C/12
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C /Tiny SERIES
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/12 Datasheet(HTML) 172 Page - Renesas Technology Corp

Back Button R8C/12 Datasheet HTML 168Page - Renesas Technology Corp R8C/12 Datasheet HTML 169Page - Renesas Technology Corp R8C/12 Datasheet HTML 170Page - Renesas Technology Corp R8C/12 Datasheet HTML 171Page - Renesas Technology Corp R8C/12 Datasheet HTML 172Page - Renesas Technology Corp R8C/12 Datasheet HTML 173Page - Renesas Technology Corp R8C/12 Datasheet HTML 174Page - Renesas Technology Corp R8C/12 Datasheet HTML 175Page - Renesas Technology Corp R8C/12 Datasheet HTML 176Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 198 page
background image
R8C/12 Group
18. On-chip Debugger
Rev.1.20
Jan 27, 2006
page 162 of 181
REJ09B0110-0120
18. On-chip debugger
The microcomputer has functions to execute the on-chip debugger. Refer to "Appendix 2 Connecting
examples for serial writer and on-chip debugging emulator". Refer to the respective on-chip debugger
manual for the details of the on-chip debugger. Next, here are some explanations for the respective
functions. Debugging the user system which uses these functions is not available. When using the on-
chip debugger, design the system without using these functions in advance. Additionally, the on-chip
debugger uses the address "0C00016 to 0C7FF16 of the flash memory, thus avoid using for the user
system.
18.1 Address match interrupt
The interrupt request is generated right before the arbitrary address instruction is executed. The
debugger break function uses the address match interrupt. Refer to "10.4 Address match interrupt" for
the details of the address match interrupt. Also, avoid setting the address match interrupt (the registers of
AIER, RMAD0, RMAD1 and the fixed vector tables) with using the user system when using the on-chip
debugger.
18.2 Single step interrupt
The interrupt request is generated every time one instruction is executed. The debugger single step
function uses the single step interrupt. The other interrupt is not generated when using the single step
interrupt. The single step interrupt is only for the developed support tool.
18.3 UART1
The UART1 is used for the communication with the debugger (or the personal computer). Refer to "13.
Serial Interface" for the details of UART1. Also, avoid using the UART1 and the functions (P00/AN7 and
P37) which share the UART1 pins.
18.4 BRK instruction
The BRK interrupt request is generated. Refer to "10.1 Interrupt overview" and "R8C/Tiny series soft-
ware manual". Also, avoid using the BRK instruction with using the user system when using the on-chip
debugger.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com