Electronic Components Datasheet Search
  English  ▼

X  

R8C/12 Datasheet(PDF) 195 Page - Renesas Technology Corp

Part # R8C/12
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C /Tiny SERIES
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/12 Datasheet(HTML) 195 Page - Renesas Technology Corp

Back Button R8C/12 Datasheet HTML 190Page - Renesas Technology Corp R8C/12 Datasheet HTML 191Page - Renesas Technology Corp R8C/12 Datasheet HTML 192Page - Renesas Technology Corp R8C/12 Datasheet HTML 193Page - Renesas Technology Corp R8C/12 Datasheet HTML 194Page - Renesas Technology Corp R8C/12 Datasheet HTML 195Page - Renesas Technology Corp R8C/12 Datasheet HTML 196Page - Renesas Technology Corp R8C/12 Datasheet HTML 197Page - Renesas Technology Corp R8C/12 Datasheet HTML 198Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 195 / 198 page
background image
REVISION HISTORY
Rev.
Date
Description
Page
Summary
R8C/12 Group Hardware Manual
C-4
1.20 Jan.27.2006
45
Figure 10.9 Interrupts Priority Select Circuit NOTES: 1 deleted
56
Figure 12.1 Timer X Block Diagram; “Peripheral data bus”
→ “Data bus” revised
73
Figure 12.18 Timer Z Block Diagram; “Peripheral data bus”
→ “Data bus” revised
91
Figure 13.3 U0TB to U1TB Registers, U0RB and U1RB Registers, and U0BRG
and U1BRG Registers;
UARTi transmit buffer register (i=0, 1) revised
UARTi bit rate register (i=0, 1); NOTES: 3 added
92
Figure 13.4 U0MR to U1MR Registers and U0C0 and U1C0 Registers;
UARTi transmit/receive control register 0 (i=0, 1); NOTES: 1 added
93
Figure 13.5 U0C1 and U1C1 Registers and UCON Register;
UART transmit/receive control register 2; NOTES: 2 added
100
Table 13.5 Registers to Be Used and Settings in UART Mode;
UiBRG: “–”
→ “0 to 7” revised
105
Figure 14.1 A/D Converter Block Diagram “Vref”
→ “Vcom” revised
114
14.7 Output Impedance of Sensor under A/D Conversion added
117
Figure 15.1 Programmable I/O Ports (1); NOTES: 1 added
118
Figure 15.2 Programmable I/O Ports (2); NOTES: 1 added
119
Figure 15.3 Programmable I/O Ports (3); NOTES: 1 added
120
Figure 15.4 Programmable I/O Ports (4); NOTES: 3 added
128
_______
Table 15.20 Port P33/INT3/TCIN Setting; Bit: “PD3_1”
→ “PD3_3”
______
Table 15.22 Port P45/INT0 Setting; Bit: “PD3_3”
→ “PD4_5”
Table 15.23 Port XIN/P46, XOUT/P47 Setting;
Setting value: External input to XIN pin, “H” output from XOUT pin;
CM1: “1”
→ “0”, CM0: “0” → “1”, Feedback resistance: “OFF” → “ON”
130
Table 16.2 Recommended Operating Conditions; NOTES: 1, 2, 3 revised
131
Table 16.3 A/D Conversion Characteristics;
“A/D operation clock frequency”
→ “A/D operating clock frequency” revised
NOTES: 1, 2, 3, 4 revised
132
Table 16.4 Flash Memory (Program ROM) Electrical Characteristics;
“Data retention duration”
→ “Data hold time” revised
“Topr”
→ “Ambient temperature”
NOTES: 1 to 7 added
Measuring condition of byte program time and block erase time deleted
133
Table 16.5 Flash Memory (Data flash Block A, Block B) Electrical characteristics
“Data retention duration”
→ “Data hold time” revised
“Topr”
→ “Ambient temperature”
NOTES: 1, 3 revised, NOTES: 9 added
Measuring condition of byte program time and block erase time deleted
134
Table 16.7 Electrical Characteristics (1) [VCC=5V];
“P10 to P17 Except XOUT”
→ “Except P10 to P17, XOUT” revised
Table 16.8 Electrical Characteristics (2) [VCC=5V]
NOTES: 1, 2 revised
Measuring condition Stop mode: “Topr= 25°C” added
137
Table 16.14 Electrical Characteristics (3) [VCC=3V]
“P10 to P17 Except XOUT”
→ “Except P10 to P17, XOUT” revised
138
Table 16.15 Electrical Characteristics (4) [VCC=3V]
NOTES: 1, 2 revised
Measuring condition Stop mode: “Topr= 25°C” added
142
17.2 Memory Map;
“The user ROM ... Block B, in...area which ...”
→
“The user ROM ... Block B (data flash), in...area (program ROM) which ...” revised



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com