Electronic Components Datasheet Search
  English  ▼

X  

SH7052 Datasheet(PDF) 575 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 575 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 571Page - Renesas Technology Corp SH7052 Datasheet HTML 572Page - Renesas Technology Corp SH7052 Datasheet HTML 573Page - Renesas Technology Corp SH7052 Datasheet HTML 574Page - Renesas Technology Corp SH7052 Datasheet HTML 575Page - Renesas Technology Corp SH7052 Datasheet HTML 576Page - Renesas Technology Corp SH7052 Datasheet HTML 577Page - Renesas Technology Corp SH7052 Datasheet HTML 578Page - Renesas Technology Corp SH7052 Datasheet HTML 579Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 575 / 919 page
background image
549
Interrupt and Receive Message Settings: When mailbox initialization is finished, CPU interrupt
source settings and receive message specifications must be made. Interrupt source settings are
made in the mailbox interrupt mask register (MBIMR) and interrupt mask register (IMR). To
receive a message, the identifier must be set in advance in the message control (MCx[1] to
MCx[8]) for the receiving mailbox. When a message is received, all the bits in the receive
message identifier are compared, and if a 100% match is found, the message is stored in the
matching mailbox. Mailbox 0 (MC0[x], MD0[x]) has a local acceptance filter mask (LAFM) that
allows Don’t Care settings to be made.
1. CPU interrupt source settings
When transmitting, transmission acknowledge and transmission abort acknowledge interrupts
can be masked for individual mailboxes in the mailbox interrupt mask register (MBIMR).
When receiving, data frame and remote frame receive wait interrupts can be masked. Interrupt
register (IRR) interrupts can be masked in the interrupt mask register (IMR).
2. Arbitration field setting
In the arbitration field, the identifier (STD_ID0 to STD_ID10, EXT_ID0 to EXT_ID17) of the
message to be received is set. If all the bits in the set identifier do not match, the message is not
stored in a mailbox.
Example: Mailbox 1
010_1010_1010 (standard identifier)
Only one kind of message identifier can be received by MB1
Identifier 1:
010_1010_1010
3. Local acceptance filter mask (LAFM) setting
The local acceptance filter mask is provided for mailbox 0 (MC0[x], MD0[x]) only, enabling a
Don’t Care specification to be made for all bits in the received identifier. This allows various
kinds of messages to be received.
Example: Mailbox 0
010_1010_1010 (standard identifier)
LAFM
000_0000_0011 (0: Care, 1: Don’t Care)
A total of four kinds of message identifiers can be received by MB0
Identifier 1:
010_1010_1000
Identifier 2:
010_1010_1001
Identifier 3:
010_1010_1010
Identifier 4:
010_1010_1011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com