Electronic Components Datasheet Search
  English  ▼

X  

SH7052 Datasheet(PDF) 599 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 599 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 595Page - Renesas Technology Corp SH7052 Datasheet HTML 596Page - Renesas Technology Corp SH7052 Datasheet HTML 597Page - Renesas Technology Corp SH7052 Datasheet HTML 598Page - Renesas Technology Corp SH7052 Datasheet HTML 599Page - Renesas Technology Corp SH7052 Datasheet HTML 600Page - Renesas Technology Corp SH7052 Datasheet HTML 601Page - Renesas Technology Corp SH7052 Datasheet HTML 602Page - Renesas Technology Corp SH7052 Datasheet HTML 603Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 599 / 919 page
background image
573
In single mode, after the A/D converter transfers the digital value to ADDR, ADF is set to 1
and the A/D converter enters the idle state. In scan mode (continuous scanning), after all the
set conversions end ADF is set to 1 and conversion is continued. For example, in the case of 4-
channel scanning, ADF is set to 1 immediately after the end of conversion for AN12 to AN15
(group 3).
In scan mode (single-cycle scanning), after all the set analog conversions end ADF is set to 1
and conversion is terminated. For example, in the case of 4-channel scanning, ADF is set to 1
immediately after the end of conversion for AN12 to AN15.
• Bit 6—A/D Interrupt Enable (ADIE): Enables or disables the A/D interrupt (ADI).
To prevent incorrect operation, ensure that the ADST bit in A/D control register 2 (ADCR2) is
cleared to 0 before switching the operating mode.
Bit 6:
ADIE
Description
0
A/D interrupt (ADI1) is disabled
(Initial value)
1
A/D interrupt (ADI1) is enabled
When A/D conversion ends and the ADF bit in ADCSR2 is set to 1, an A/D1 A/D interrupt
(ADI1) will be generated If the ADIE bit is 1. ADI1 is cleared by clearing ADF or ADIE to 0.
• Bits 5 and 4: A/D Mode 1 and 0 (ADM1, ADM0): These bits select the A/D conversion mode
from single mode, 4-channel scan mode, 8-channel scan mode, 12-channel scan mode.
To prevent incorrect operation, ensure that the ADST bit in A/D control register 1, 0 (ADCR1,
0) is cleared to 0 before switching the operating mode.
Bit 5:
ADM1
Bit 4:
ADM0
Description
0
0
Single mode
(Initial value)
1
4-channel scan mode (analog groups 3)
1
0
Reserved
1
Reserved
When ADM1 and ADM0 are set to 00, single mode is set. In single mode, operation ends after
A/D conversion has been performed once on the analog channels selected with bits CH3 to
CH0 in ADCSR.
When ADM1 and ADM0 are set to 01, 4-channel scan mode is set. In scan mode, A/D
conversion is performed continuously on a number of channels. The channels on which A/D
conversion is to be performed in scan mode are set with bits CH3 to CH0 in ADCSR1. In 4-
channel scan mode, conversion is performed continuously on the channels in one of analog
groups 3 (AN12 to AN15).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com