Electronic Components Datasheet Search
  English  ▼

X  

SH7243 Datasheet(PDF) 286 Page - Renesas Technology Corp

Part # SH7243
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine family
PDF  1726 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7243 Datasheet(HTML) 286 Page - Renesas Technology Corp

Back Button SH7243 Datasheet HTML 282Page - Renesas Technology Corp SH7243 Datasheet HTML 283Page - Renesas Technology Corp SH7243 Datasheet HTML 284Page - Renesas Technology Corp SH7243 Datasheet HTML 285Page - Renesas Technology Corp SH7243 Datasheet HTML 286Page - Renesas Technology Corp SH7243 Datasheet HTML 287Page - Renesas Technology Corp SH7243 Datasheet HTML 288Page - Renesas Technology Corp SH7243 Datasheet HTML 289Page - Renesas Technology Corp SH7243 Datasheet HTML 290Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 286 / 1726 page
background image
Section 9 Bus State Controller (BSC)
Rev. 1.00 Jun. 26, 2008 Page 256 of 1692
REJ09B0393-0100
9.4.1
Common Control Register (CMNCR)
CMNCR is a 32-bit register that controls the common items for each area. This register is
initialized to H'00001010 by a power-on reset and retains the value by a manual reset and in
software standby mode.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Bit:
Initial value:
R/W:
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Bit:
Initial value:
R/W:
0000000000000000
RRRRRRRRRRRRRRRR
0001000000010000
R
R
R
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R
R
R/W
R/W
R/W
----------------
----
BLOCK
DPRTY[1:0]
DMAIW[2:0]
DMA
IWA
--
HIZ
CKIO
HIZ
MEM
HIZ
CNT
Bit
Bit Name
Initial
Value
R/W
Description
31 to 13
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
12
1
R
Reserved
This bit is always read as 1. The write value should
always be 1.
11
BLOCK
0
R/W
Bus Lock
Specifies whether or not the
BREQ signal is received.
0: Receives
BREQ.
1: Does not receive
BREQ.
10, 9
DPRTY[1:0]
00
R/W
DMA Burst Transfer Priority
Specify the priority for a refresh request/bus
mastership request during DMA burst transfer.
00: Accepts a refresh request and bus mastership
request during DMA burst transfer.
01: Accepts a refresh request but does not accept a
bus mastership request during DMA burst transfer.
10: Accepts neither a refresh request nor a bus
mastership request during DMA burst transfer.
11: Reserved (setting prohibited)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com