Electronic Components Datasheet Search
  English  ▼

X  

SH7243 Datasheet(PDF) 289 Page - Renesas Technology Corp

Part # SH7243
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine family
PDF  1726 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7243 Datasheet(HTML) 289 Page - Renesas Technology Corp

Back Button SH7243 Datasheet HTML 285Page - Renesas Technology Corp SH7243 Datasheet HTML 286Page - Renesas Technology Corp SH7243 Datasheet HTML 287Page - Renesas Technology Corp SH7243 Datasheet HTML 288Page - Renesas Technology Corp SH7243 Datasheet HTML 289Page - Renesas Technology Corp SH7243 Datasheet HTML 290Page - Renesas Technology Corp SH7243 Datasheet HTML 291Page - Renesas Technology Corp SH7243 Datasheet HTML 292Page - Renesas Technology Corp SH7243 Datasheet HTML 293Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 289 / 1726 page
background image
Section 9 Bus State Controller (BSC)
Rev. 1.00 Jun. 26, 2008 Page 259 of 1692
REJ09B0393-0100
9.4.2
CSn Space Bus Control Register (CSnBCR) (n = 0 to 7)
CSnBCR is a 32-bit readable/writable register that specifies the type of memory connected to a
space, data bus width of an area, endian, and the number of waits between access cycles. This
register is initialized to H'36DB0x00 by a power-on reset and retains the value by a manual reset
and in software standby mode.
Do not access external memory other than area 0 until CSnBCR initial setting is completed.
Idle cycles may be inserted even when they are not specified. For details, see section 9.5.10, Wait
between Access Cycles.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Bit:
Initial value:
R/W:
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Bit:
Initial value:
R/W:
0011011011011011
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
00000
0*
1*
000000000
R
R/W
R/W
R/W
R/W
R/W
R/W
R
R
R
R
R
R
R
R
R
-
IWW[2:0]
IWRWD[2:0]
IWRWS[2:0]
IWRRD[2:0]
IWRRS[2:0]
-
TYPE[2:0]
ENDIAN
BSZ[1:0]
-
-
-
-
-
-
-
-
-
Bit
Bit Name
Initial
Value
R/W
Description
31
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.
30 to 28
IWW[2:0]
011
R/W
Idle Cycles between Write-Read Cycles and Write-
Write Cycles
These bits specify the number of idle cycles to be
inserted after the access to a memory that is
connected to the space. The target access cycles are
the write-read cycle and write-write cycle.
000: No idle cycle inserted
001: 1 idle cycle inserted
010: 2 idle cycles inserted
011: 4 idle cycles inserted
100: 6 idle cycles inserted
101: 8 idle cycles inserted
110: 10 idle cycles inserted
111: 12 idle cycles inserted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com