Electronic Components Datasheet Search
  English  ▼

X  

SH7243 Datasheet(PDF) 291 Page - Renesas Technology Corp

Part # SH7243
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine family
PDF  1726 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7243 Datasheet(HTML) 291 Page - Renesas Technology Corp

Back Button SH7243 Datasheet HTML 287Page - Renesas Technology Corp SH7243 Datasheet HTML 288Page - Renesas Technology Corp SH7243 Datasheet HTML 289Page - Renesas Technology Corp SH7243 Datasheet HTML 290Page - Renesas Technology Corp SH7243 Datasheet HTML 291Page - Renesas Technology Corp SH7243 Datasheet HTML 292Page - Renesas Technology Corp SH7243 Datasheet HTML 293Page - Renesas Technology Corp SH7243 Datasheet HTML 294Page - Renesas Technology Corp SH7243 Datasheet HTML 295Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 291 / 1726 page
background image
Section 9 Bus State Controller (BSC)
Rev. 1.00 Jun. 26, 2008 Page 261 of 1692
REJ09B0393-0100
Bit
Bit Name
Initial
Value
R/W
Description
21 to 19
IWRRD[2:0]
011
R/W
Idle Cycles for Read-Read in Another Space
Specify the number of idle cycles to be inserted after
the access to a memory that is connected to the
space. The target cycle is a read-read cycle of which
continuous access cycles switch between different
spaces.
000: No idle cycle inserted
001: 1 idle cycle inserted
010: 2 idle cycles inserted
011: 4 idle cycles inserted
100: 6 idle cycles inserted
101: 8 idle cycles inserted
110: 10 idle cycles inserted
111: 12 idle cycles inserted
18 to 16
IWRRS[2:0]
011
R/W
Idle Cycles for Read-Read in the Same Space
Specify the number of idle cycles to be inserted after
the access to a memory that is connected to the
space. The target cycle is a read-read cycle of which
continuous access cycles are for the same space.
000: No idle cycle inserted
001: 1 idle cycle inserted
010: 2 idle cycles inserted
011: 4 idle cycles inserted
100: 6 idle cycles inserted
101: 8 idle cycles inserted
110: 10 idle cycles inserted
111: 12 idle cycles inserted
15
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com