Electronic Components Datasheet Search
  English  ▼

X  

SH7243 Datasheet(PDF) 329 Page - Renesas Technology Corp

Part # SH7243
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine family
PDF  1726 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7243 Datasheet(HTML) 329 Page - Renesas Technology Corp

Back Button SH7243 Datasheet HTML 325Page - Renesas Technology Corp SH7243 Datasheet HTML 326Page - Renesas Technology Corp SH7243 Datasheet HTML 327Page - Renesas Technology Corp SH7243 Datasheet HTML 328Page - Renesas Technology Corp SH7243 Datasheet HTML 329Page - Renesas Technology Corp SH7243 Datasheet HTML 330Page - Renesas Technology Corp SH7243 Datasheet HTML 331Page - Renesas Technology Corp SH7243 Datasheet HTML 332Page - Renesas Technology Corp SH7243 Datasheet HTML 333Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 329 / 1726 page
background image
Section 9 Bus State Controller (BSC)
Rev. 1.00 Jun. 26, 2008 Page 299 of 1692
REJ09B0393-0100
9.4.6
Refresh Timer Counter (RTCNT)
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Bit:
Initial value:
R/W:
15
14
13
12
11
10
9876543210
Bit:
Initial value:
R/W:
0000000000000000
RRRRRRRRRRRRRRRR
0000000000000000
R
R
R
R
R
R
R
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
----------------
--------
RTCNT is an 8-bit counter that increments using the clock selected by bits CKS[2:0] in RTCSR.
When RTCNT matches RTCOR, RTCNT is cleared to 0. The value in RTCNT returns to 0 after
counting up to 255. When the RTCNT is written, the upper 16 bits of the write data must be
H'A55A to cancel write protection. This counter is initialized to H'00000000 by a power-on reset
and retains the value by a manual reset and in software standby mode.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 8
All 0
R
Reserved
These bits are always read as 0.
7 to 0
All 0
R/W
8-Bit Counter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com