Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 430 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 430 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 426Page - Renesas Technology Corp SH7713 Datasheet HTML 427Page - Renesas Technology Corp SH7713 Datasheet HTML 428Page - Renesas Technology Corp SH7713 Datasheet HTML 429Page - Renesas Technology Corp SH7713 Datasheet HTML 430Page - Renesas Technology Corp SH7713 Datasheet HTML 431Page - Renesas Technology Corp SH7713 Datasheet HTML 432Page - Renesas Technology Corp SH7713 Datasheet HTML 433Page - Renesas Technology Corp SH7713 Datasheet HTML 434Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 430 / 904 page
background image
Section 12 Bus State Controller (BSC)
Rev.1.50 Aug. 30, 2006 Page 390 of 860
REJ09B0288-0150
12.5.2
Normal Space Interface
Basic Timing: For access to a normal space, this LSI uses strobe signal output in consideration of
the fact that mainly static RAM will be directly connected. When using SRAM with a byte-
selection pin, see section 12.5.7, Byte-Selection SRAM Interface. Figure 12.3 shows the basic
timings of normal space access. A no-wait normal access is completed in two cycles. The
BS
signal is asserted for one cycle to indicate the start of a bus cycle.
CKIO
Note: * The waveform for DACKn is when active low is specified.
A25 to A0
RD/
WR
RD/
WR
D31 to D0
DACKn*
CSn
T1
T2
RD
WEn(BEn)
BS
D31 to D0
Read
Write
Figure 12.3 Normal Space Basic Access Timing (Access Wait 0)
There is no access size specification when reading. The correct access start address is output in the
least significant bit of the address, but since there is no access size specification, 32 bits are always



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com