Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 58 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 58 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 54Page - Renesas Technology Corp SH7713 Datasheet HTML 55Page - Renesas Technology Corp SH7713 Datasheet HTML 56Page - Renesas Technology Corp SH7713 Datasheet HTML 57Page - Renesas Technology Corp SH7713 Datasheet HTML 58Page - Renesas Technology Corp SH7713 Datasheet HTML 59Page - Renesas Technology Corp SH7713 Datasheet HTML 60Page - Renesas Technology Corp SH7713 Datasheet HTML 61Page - Renesas Technology Corp SH7713 Datasheet HTML 62Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 904 page
background image
Section 1 Overview and Pin Function
Rev.1.50 Aug. 30, 2006 Page 18 of 860
REJ09B0288-0150
Pin No.
(FP-256G/GV)
Pin No.
(BP-256H/HV
)
Pin Name
I/O
Description
239
C7
PTC5/
CE2A
IO/O
I/O port C/area 5 PCMCIA card enable
240
A5
PTC6/
CE2B
IO/O
I/O port C/area 6 PCMCIA card enable
241
D6
VccQ
I/O power supply (3.3 V)
242
B7
VssQ
I/O power supply (0 V)
243
C6
PTC7/
IOIS16
IO/I
I/O port C/PCMCIA 16-bit I/O select
244
A4
CS5B/CE1A
O/O
Chip select 5B/area 5 PCMCIA card
enable
245
D5
CS6B/CE1B
O/O
Chip select 6B/area 6 PCMCIA card
enable
246
B6
VssQ
I/O power supply (0 V)
247
D4
MD0
I
Clock mode select
248
A3
MD1
I
Clock mode select
249
B4
MD2
I
Clock mode select
250
A2
MD3
I
Area 0 bus width
251
C3
Vcc-PLL1
PLL1 power supply (1.5 V)
252
B5
Vss-PLL1
PLL1 power supply (0 V)
253
C5
Vcc-PLL2
PLL2 power supply (1.5 V)
254
C4
Vss-PLL2
PLL2 power supply (0 V)
255
B3
XTAL
O
Clock oscillator pin
256
A1
EXTAL
I
External clock/crystal oscillator pin
Notes: 1. VccQ-RTC must be supplied even if the realtime clock (RTC) is not used.
2. RTC in this LSI does not operate even if VccQ-RTC is turned on. The crystal oscillator
circuit for RTC operates with VccQ-RTC. The control circuit and the RTC counter
operate with Vcc (common to the internal circuit). Therefore, all power supplies other
than VccQ-RTC should always be turned on even if only RTC operates.
3. Vcc-PLL1/Vcc-PLL2 must be supplied even if the on-chip CPG is not used.
4. VccQ (3.3 V), Vcc (1.5 V), VssQ, and Vss must be connected to the system power
supply (for uninterrupted supply).
5. When power-on reset is executed, reserved condition is selected. Therefore, rewriting
by setting PETCR register in PFC module is mandatory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com