Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 51 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 51 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 47Page - Renesas Technology Corp SH7713 Datasheet HTML 48Page - Renesas Technology Corp SH7713 Datasheet HTML 49Page - Renesas Technology Corp SH7713 Datasheet HTML 50Page - Renesas Technology Corp SH7713 Datasheet HTML 51Page - Renesas Technology Corp SH7713 Datasheet HTML 52Page - Renesas Technology Corp SH7713 Datasheet HTML 53Page - Renesas Technology Corp SH7713 Datasheet HTML 54Page - Renesas Technology Corp SH7713 Datasheet HTML 55Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 904 page
background image
Section 1 Overview and Pin Function
Rev.1.50 Aug. 30, 2006 Page 11 of 860
REJ09B0288-0150
Pin No.
(FP-256G/GV)
Pin No.
(BP-256H/HV
)
Pin Name
I/O
Description
30
K4
D11
IO
Data bus
31
K1
D12
IO
Data bus
32
L1
D13
IO
Data bus
33
L4
D14
IO
Data bus
34
M1
D15
IO
Data bus
35
L3
Vcc
Internal power supply (1.5 V)
36
L2
Vss
Internal power supply (0 V)
37
M4
WE0(BE0)/DQMLL
O/O
D7 to D0-select signal/DQM (SDRAM)
38
N1
WE1(BE1)/DQMLU/
WE
O/O/O D15 to D8-select signal/DQM
(SDRAM)/PCMCIA write cycle strobe
39
M3
RD/
WR
O
Read/write
40
M2
CKIO
IO
System clock I/O
41
N4
CAS
O
CAS (SDRAM)
42
P1
CKE
O
CK enable (SDRAM)
43
N3
VccQ
I/O power supply (3.3 V)
44
N2
VssQ
I/O power supply (0 V)
45
P4
RAS
O
RAS (SDRAM)
46
R1
CS2
O
Chip select 2
47
P3
CS3
O
Chip select 3
48
T1
A0
O
Address bus
49
R4
Vcc
Internal power supply (1.5 V)
50
P2
Vss
Internal power supply (0 V)
51
R3
A1
O
Address bus
52
U1
A2
O
Address bus
53
T4
A3
O
Address bus
54
R2
A4
O
Address bus
55
U4
A5
O
Address bus
56
V1
A6
O
Address bus
57
U2
VccQ
I/O power supply (3.3 V)
58
W1
VssQ
I/O power supply (0 V)
59
V3
A7
O
Address bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com