| Electronic Components Datasheet Search |
|
SH7713 Datasheet(PDF) 891 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7713 Datasheet(HTML) 891 Page - Renesas Technology Corp |
|
891 / 904 page ![]() Appendix Rev.1.50 Aug. 30, 2006 Page 851 of 860 REJ09B0288-0150 Reset Power-Down States Pin Name I/O Power-on Reset Manual Reset Software Standby Sleep Release of Bus Mastership Handling of Unused Pins VssQ-RTC VssQ Vcc-PLL1 Vcc* 7 Vss-PLL1 Vss* 7 Vcc-PLL2 Vcc* 7 Vss-PLL2 Vss* 7 [Legend] I: Input state i: Input state (however, input is fixed by the internal logic) O: Output state (undefined although the level is high or low) L: Low-level output H: High-level output Z: High impedance (input or output buffer off) V: Input/output buffer off, pull-up on M: Input buffer on, output buffer off, pull-up on K: Output buffer on or input buffer off (pull-up on or off), depending on register settings P: Input or output depending on register settings Notes: 1. Depends on clock mode. 2. The state is P when the port function is used. 3. The state is K when the port function is used. 4. The state is Z or H depending on register settings. 5. The state is Z or O depending on register settings. 6. The status is Z when the function select bit is set as reserved in the PETCR register in the PFC module. 7. To avoid the power friction, Vcc-PLL1, Vcc-PLL2, Vss-PLL1, Vss-PLL2, and other Vcc and Vss should be wired in three independent patterns from the board power-supply source. 8. When power-on reset is executed, reserved condition is selected. Therefore, rewriting by setting PETCR register in PFC module is mandatory. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |