Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 165 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 165 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 161Page - Renesas Technology Corp SH7713 Datasheet HTML 162Page - Renesas Technology Corp SH7713 Datasheet HTML 163Page - Renesas Technology Corp SH7713 Datasheet HTML 164Page - Renesas Technology Corp SH7713 Datasheet HTML 165Page - Renesas Technology Corp SH7713 Datasheet HTML 166Page - Renesas Technology Corp SH7713 Datasheet HTML 167Page - Renesas Technology Corp SH7713 Datasheet HTML 168Page - Renesas Technology Corp SH7713 Datasheet HTML 169Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 904 page
background image
Section 3 DSP Operating Unit
Rev.1.50 Aug. 30, 2006 Page 125 of 860
REJ09B0288-0150
3.5.6
ALU Logical Operations
Figure 3.15 shows the ALU logical operation flow. Table 3.24 shows the variation of this type of
operation. The correspondence between each operand and registers is the same as the ALU fixed-
point operations as shown in table 3.21.
The ALU logical operation is executed between registers. Each source and destination operand is
selected independently from one of the DSP registers. As shown in figure 3.15, this type of
operation uses only the upper word of each operand. The lower word and guard-bit parts are
ignored for the source operand and those of the destination operand are automatically cleared.
These operations are also executed in the DSP stage, as shown in figure 3.10. The DSP stage is the
same stage as the MA stage in which memory access is performed.
31
31
31
39
39
39
Ignored
Cleared to 0
0
Source 1
0
Destination
ALU
DSR
0
Source 2
GT
Z
N
V DC
Figure 3.15 ALU Logical Operation Flow
Table 3.24
Variation of ALU Logical Operations
Mnemonic
Function
Source 1
Source 2
Destination
PAND
Logical AND
Sx
Sy
Dz
POR
Logical OR
Sx
Sy
Dz
PXOR
Logical exclusive OR
Sx
Sy
Dz
Every time an ALU logical operation is executed, the DC, N, Z, V, and GT bits in the DSR
register are basically updated in accordance with the operation result. In case of a conditional
operation, they are not updated even though the specified condition is true and the operation is
executed. In case of an unconditional operation, they are always updated in accordance with the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com